Electronic Components Datasheet Search
  English  ▼

X  

APL Datasheet(PDF) 7 Page - Sensata Technologies, Inc.

Part # APL
Description  Hydraulic Magnetic Circuit Protectors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

APL Datasheet(HTML) 7 Page - Sensata Technologies, Inc.

Back Button APL Datasheet HTML 3Page - Sensata Technologies, Inc. APL Datasheet HTML 4Page - Sensata Technologies, Inc. APL Datasheet HTML 5Page - Sensata Technologies, Inc. APL Datasheet HTML 6Page - Sensata Technologies, Inc. APL Datasheet HTML 7Page - Sensata Technologies, Inc. APL Datasheet HTML 8Page - Sensata Technologies, Inc. APL Datasheet HTML 9Page - Sensata Technologies, Inc. APL Datasheet HTML 10Page - Sensata Technologies, Inc. APL Datasheet HTML 11Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DELAY 60
900
1000
PERCENT OF RATED CURRENT
.001
10000
.01
100
1000
.1
1
10
0100
125
150 200
300
400
500
600
700
800
DELAY 61
900
1000
PERCENT OF RATED CURRENT
.001
10000
.01
100
1000
.1
1
10
0
100
125
200
300
400
500
600
700
800
DELAY 62
900
1000
PERCENT OF RATED CURRENT
.001
10000
.01
100
1000
.1
1
10
0
100
125
150 200
300
400
500
600
700
800
DELAY 69
900
1000
PERCENT OF RATED CURRENT
.001
10000
.01
100
1000
.1
1
10
0100
125
150 200
300
400
500
600
700
800
150
60Hz Delay Curves (typ)
A choice of delays are offered for 60Hz applications. Delays
60 and 69 are fast acting non-delayed tripping to protect
sensitive electronic equipment (not recommended where
known inrush exists). Delay 61 has a short delay for general
purpose applications. Delay 62 is long enough to start
certain types of motors and most transformers and
capacitor loads. Delay 63 is an extra long delay primarily for
special motor applications.
PULSE TOLERANCES
Delay
Pulse Tolerance
61, 62
12 times (approx.) rated current
61F, 62F
20 times (approx.) rated current
64, 65, 66
20 times (approx.) rated current
64F, 65F, 66F
35 times (approx.) rated current
Note: These limits do not apply to dual coil and tapped coil units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com