Electronic Components Datasheet Search
  English  ▼

X  

QPC1005 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPC1005
Description  0.15 – 2.8 GHz 50 W GaN SPDT Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC1005 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPC1005 Datasheet HTML 7Page - Qorvo, Inc QPC1005 Datasheet HTML 8Page - Qorvo, Inc QPC1005 Datasheet HTML 9Page - Qorvo, Inc QPC1005 Datasheet HTML 10Page - Qorvo, Inc QPC1005 Datasheet HTML 11Page - Qorvo, Inc QPC1005 Datasheet HTML 12Page - Qorvo, Inc QPC1005 Datasheet HTML 13Page - Qorvo, Inc QPC1005 Datasheet HTML 14Page - Qorvo, Inc QPC1005 Datasheet HTML 15Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
QPC1005
0.15 to 2.8 GHz 50 W GaN SPDT Switch
Data Sheet Rev D. July 15, 2019 | Subject to change without notice
13 of 15
www.qorvo.com
®
Mechanical Information
Units: millimeters
Tolerances: unless specified
x.xx = ± 0.25
x.xxx = ± 0.100
Materials:
Base: Cu Alloy
Packaged Exposed Metallization is gold plated
Marking:
QPC1005: Part number
YY: Part Assembly year
WW: Part Assembly week
MXXX: Batch ID
Pin Description
Pad No.
Symbol
Description
1, 5, 6, 11-20,
N/C
Not connected internally. Recommended to be grounded at EVB level
2, 4, 9, 22
GND
Ground. Connected to GND paddle (pin 25); should be grounded on PCB to
improve isolation
3
RFC
RF common port (port 1)
; matched to 50 Ω; DC coupled
7, 24
VC1
Control voltage #1; External components are not required
8, 23
VC2
Control voltage #2; External components are not required
10
RF1
RF switched port 2
; matched to 50 Ω; DC coupled
21
RF2
RF switched port 3
; matched to 50 Ω; DC coupled
25
GND
Backside Paddle. Multiple vias should be employed to minimize inductance
and thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com