Electronic Components Datasheet Search
  English  ▼

X  

QPC1005 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPC1005
Description  0.15 – 2.8 GHz 50 W GaN SPDT Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC1005 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPC1005 Datasheet HTML 1Page - Qorvo, Inc QPC1005 Datasheet HTML 2Page - Qorvo, Inc QPC1005 Datasheet HTML 3Page - Qorvo, Inc QPC1005 Datasheet HTML 4Page - Qorvo, Inc QPC1005 Datasheet HTML 5Page - Qorvo, Inc QPC1005 Datasheet HTML 6Page - Qorvo, Inc QPC1005 Datasheet HTML 7Page - Qorvo, Inc QPC1005 Datasheet HTML 8Page - Qorvo, Inc QPC1005 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
QPC1005
0.15 to 2.8 GHz 50 W GaN SPDT Switch
Data Sheet Rev D. July 15, 2019 | Subject to change without notice
2 of 15
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ.
Max
Units
VC1
0/-40
V
VC2
-40/0
V
Temperature Range
-40
+25
+85
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Parameter
Rating
Control Voltage (VC)
−50 V
Control Current (IC)
−1.5 / +1.5 mA
Power Dissipation
12 W
RF Input Power, CW, 50 Ω, T = 25 °C
60 W
Mounting Temperature (30 sec)
260 °C
Storage Temperature
−40 to 150 °C
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (θJC) (1,2)
TBASE = 85 °C, VC1 = 0 V, VC2 = -40 V, Freq. = 2.8 GHz
PIN = 60 W, PDISS (3) = 6.5 W, CW
5.23
ºC/W
Channel Temperature (TCH) (1,2)
119
°C
Notes:
1. Measured to the back of the package.
2. Refer to the following document: GaN Device Channel Temperature, Thermal Resistance, and Reliability Estimates
3. This is a total PDISS in the FETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com