Electronic Components Datasheet Search
  English  ▼

X  

ADXL356CEZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADXL356CEZ
Description  Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL356CEZ Datasheet(HTML) 4 Page - Analog Devices

  ADXL356CEZ Datasheet HTML 1Page - Analog Devices ADXL356CEZ Datasheet HTML 2Page - Analog Devices ADXL356CEZ Datasheet HTML 3Page - Analog Devices ADXL356CEZ Datasheet HTML 4Page - Analog Devices ADXL356CEZ Datasheet HTML 5Page - Analog Devices ADXL356CEZ Datasheet HTML 6Page - Analog Devices ADXL356CEZ Datasheet HTML 7Page - Analog Devices ADXL356CEZ Datasheet HTML 8Page - Analog Devices ADXL356CEZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Data Sheet
ADXL356/ADXL357/ADXL357B
SPECIFICATIONS
analog.com
Rev. C | 4 of 52
ADXL356 (ANALOG OUTPUT)
TA = 25°C, VSUPPLY = 3.3 V, x-axis acceleration and y-axis acceleration = 0 g, z-axis acceleration = 1 g, and full-scale range = ±10 g, unless
otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Output Full-Scale Range (FSR)
ADXL356B supports two ranges
±10, ±20
g
ADXL356C supports two ranges
±10, ±40
g
Resonant Frequency1
X-axis and y-axis
5.5
kHz
Z-axis
5.1
kHz
Quality Factor
X-axis
17
Y-axis
14
Z-axis
4
Nonlinearity
±10 g
0.1
% FSR
±40 g
1.3
% FSR
Cross Axis Sensitivity
1
%
SENSITIVITY
Ratiometric to V1P8ANA
Sensitivity at XOUT, YOUT, ZOUT
±10 g
73.6
80
86.4
mV/g
±20 g
36.8
40
43.2
mV/g
±40 g
18.4
20
21.6
mV/g
Sensitivity Change Due to Temperature
TA = −40°C to +125°C
±0.01
%/°C
Repeatability2
X-axis and y-axis
0.1
%
Z-axis
0.2
%
0 g OFFSET
Each axis, ±10 g
0 g Output for XOUT, YOUT, ZOUT
Referred to V1P8ANA/2
−375
±125
+375
mg
0 g Offset vs. Temperature (X-Axis, Y-Axis, and
Z-Axis)3
TA = −40°C to +125°C
−0.75
±0.2
+0.75
mg/°C
Repeatability2
X-axis and y-axis
±4.25
mg
Z-axis
±5
mg
Vibration Rectification Error (VRE)4
Offset due to 7.5 g rms vibration, ±10 g range, in a 1
g orientation
<0.1
g
NOISE
Spectral Density5
X-Axis, Y-Axis, and Z-Axis
±10 g
75
µg/√Hz
±40 g
110
µg/√Hz
Velocity Random Walk
±10 g
X-Axis and Y-Axis
38.2
mm/sec/√hr
Z-Axis
26.5
mm/sec/√hr
BANDWIDTH
−3 dB, overall transfer function6
2.4
kHz
SELF TEST
Output Change
Z-Axis
±10 g range7
0.5
1.25
3.0
g
POWER SUPPLY
Voltage Range
VSUPPLY8
2.25
2.5
3.6
V
VDDIO
V1P8DIG
2.5
3.6
V
V1P8ANA, V1P8DIG
Internal low dropout (LDO) regulator bypassed,
VSUPPLY = 0 V
1.62
1.8
1.98
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com