Electronic Components Datasheet Search
  English  ▼

X  

ADXL356CEZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL356CEZ
Description  Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL356CEZ Datasheet(HTML) 1 Page - Analog Devices

  ADXL356CEZ Datasheet HTML 1Page - Analog Devices ADXL356CEZ Datasheet HTML 2Page - Analog Devices ADXL356CEZ Datasheet HTML 3Page - Analog Devices ADXL356CEZ Datasheet HTML 4Page - Analog Devices ADXL356CEZ Datasheet HTML 5Page - Analog Devices ADXL356CEZ Datasheet HTML 6Page - Analog Devices ADXL356CEZ Datasheet HTML 7Page - Analog Devices ADXL356CEZ Datasheet HTML 8Page - Analog Devices ADXL356CEZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Data Sheet
ADXL356/ADXL357/ADXL357B
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
Rev. C
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
0 g offset vs. temperature (all axes): 0.75 mg/°C maximum
►
Ultralow noise spectral density (all axes): 75 µg/√Hz
►
Low power, VSUPPLY (LDO regulator enabled)
►
ADXL356 in measurement mode: 150 µA
►
ADXL357/ADXL357B in measurement mode: 200 µA
►
ADXL356/ADXL357/ADXL357B in standby mode: 21 µA
►
ADXL356 has user adjustable analog output bandwidth
►
ADXL357/ADXL357B digital output features
►
Digital SPI and limited I2C interfaces supported
►
20-bit ADC
►
Data interpolation routine for synchronous sampling
►
Programmable high- and low-pass digital filters
►
Integrated temperature sensor
►
Voltage range options
►
VSUPPLY with internal regulators: 2.25 V to 3.6 V
►
V1P8ANA, V1P8DIG with internal LDO regulator bypassed: 1.8 V
typical ± 10%
►
Operating temperature range: −40°C to +125°C
►
14-terminal, 6 mm × 5.6 mm × 2.2 mm, LCC package
APPLICATIONS
►
Inertial measurement units (IMUs)/attitude and heading refer-
ence systems (AHRSs)
►
Platform stabilization systems
►
Structural health monitoring
►
Seismic imaging
►
Tilt sensing
►
Robotics
►
Condition monitoring
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. ADXL356
Figure 2. ADXL357 and ADXL357B
GENERAL DESCRIPTION
The analog output ADXL356 and the digital outputs ADXL357 and
ADXL357B are low noise density, low 0 g offset drift, low power,
3-axis accelerometers with selectable measurement ranges. The
ADXL356B supports the ±10 g and ±20 g ranges, the ADXL356C
supports the ±10 g and ±40 g ranges, and the ADXL357 and
ADXL357B support the ±10 g, ±20 g, and ±40 g ranges.
The ADXL356/ADXL357/ADXL357B1 offer industry leading noise,
minimal offset drift over temperature, and long-term stability, ena-
bling precision applications with minimal calibration.
The low drift, low noise, and low power ADXL357 and ADXL357B
enable accurate tilt measurement. The ADXL357B is more ro-
bust/suitable for tilt sensing in high vibration environments. The
low noise of the ADXL356 over higher frequencies is ideal for con-
dition-based monitoring and other vibration sensing applications.
The ADXL357 and ADXL357B multifunction pin names may be
referenced only by their relevant function for either the serial periph-
eral interface (SPI) or limited I2C interface.
1 Protected by U.S. Patents 8,472,270; 9,041,462; 8,665,627; 8,917,099; 6,892,576; 9,297,825; and 7,956,621.


Similar Part No. - ADXL356CEZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL356CEZ AD-ADXL356CEZ Datasheet
1Mb / 42P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
6/2020-Rev. 0 to Rev. A
ADXL356CEZ-RL AD-ADXL356CEZ-RL Datasheet
1Mb / 42P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
6/2020-Rev. 0 to Rev. A
ADXL356CEZ-RL7 AD-ADXL356CEZ-RL7 Datasheet
1Mb / 42P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
6/2020-Rev. 0 to Rev. A
More results

Similar Description - ADXL356CEZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL150 AD-ADXL150 Datasheet
341Kb / 15P
-5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV.0
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
Dual-Axis, High-g, MEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL330 AD-ADXL330 Datasheet
311Kb / 16P
Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
3/06-Revision 0
logo
Texas Instruments
REF5040IDGK TI-REF5040IDGK Datasheet
1Mb / 28P
Low-Noise, Very Low Drift Precision
logo
STMicroelectronics
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
logo
Analog Devices
ADXL1001 AD-ADXL1001 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
3/2017-Revision 0
ADXL356 AD-ADXL356 Datasheet
1Mb / 42P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
6/2020-Rev. 0 to Rev. A
ADXL359 AD-ADXL359 Datasheet
1Mb / 36P
Low Noise, Low Drift, Low Power 3-Axis MEMS Accelerometer
Rev. 0
ADXL358 AD-ADXL358 Datasheet
1Mb / 16P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometer
Rev. 0
MAX6078A AD-MAX6078A Datasheet
3Mb / 18P
Low-Power, Low-Drift,Low-Noise Voltage Reference
Rev 3 6/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com