Electronic Components Datasheet Search
  English  ▼

X  

TAS2572 Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS2572
Description  TAS2572 6.6 W Digital Input smart amp with I/V sense and integrated 13 V Class-H Boost
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2572 Datasheet(HTML) 2 Page - Texas Instruments

  TAS2572 Datasheet HTML 1Page - Texas Instruments TAS2572 Datasheet HTML 2Page - Texas Instruments TAS2572 Datasheet HTML 3Page - Texas Instruments TAS2572 Datasheet HTML 4Page - Texas Instruments TAS2572 Datasheet HTML 5Page - Texas Instruments TAS2572 Datasheet HTML 6Page - Texas Instruments TAS2572 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................2
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
Nov, 2022
v0.1
Initial Release
5 Pin Configuration and Functions
DREG
SDA
IOVDD
GND
FSYNC
SBCLK
SCL
AD2
AD1
IRQZ
SDIN
SDOUT
VDD
GND
VBAT_SNS
SDZ
GND
VBAT
PGND
PGND
PGND
BGND
BGND
BGND
VSNS_P
VSNS_N
PGND
SW
SW
SW
OUT_P
OUT_N
GREG
PVDD
PVDD
PVDD
Notes: - Not to Scale
A
B
C
D
E
F
1
2
3
4
5
6
Figure 5-1. Package Top Level View Pinout
TAS2572
SLASF75 – NOVEMBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TAS2572



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com