Electronic Components Datasheet Search
  English  ▼

X  

TAS2572 Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS2572
Description  TAS2572 6.6 W Digital Input smart amp with I/V sense and integrated 13 V Class-H Boost
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2572 Datasheet(HTML) 3 Page - Texas Instruments

  TAS2572 Datasheet HTML 1Page - Texas Instruments TAS2572 Datasheet HTML 2Page - Texas Instruments TAS2572 Datasheet HTML 3Page - Texas Instruments TAS2572 Datasheet HTML 4Page - Texas Instruments TAS2572 Datasheet HTML 5Page - Texas Instruments TAS2572 Datasheet HTML 6Page - Texas Instruments TAS2572 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pin Functions
PIN
I/O1
DESCRIPTION
NAME
NO.
AD1
B4
I
I2C address pin LSB.
AD2
B5
I
I2C address pin LSB+1.
BGND
D1
P
Boost ground. Connect to PCB GND plane strongly with multiple vias.
D2
D3
DREG
A6
P
Digital core voltage regulator output. Bypass to GND with a capacitor. Do not connect to
external load.
FSYNC
A2
I
I2S word clock or TDM frame sync.
GREG
F4
P
High-side gate CP regulator output. Do not connect to external load.
GND
A3
P
Digital ground. Connect to PCB GND plane. Strong connection to ground plane required
through multiple vias.
C2
C5
IOVDD
A4
P
1.2-V or 1.8-V Digital IO supply. Decouple to GND with capacitor.
IRQZ
B3
O
Open drain, active low interrupt pin. Pull up to IOVDD with resistor if optional internal
pullup is not used.
OUT_N
F5
O
Class-D negative output.
OUT_P
F6
O
Class-D positive output.
PGND
D4
P
Class-D Power stage ground. Connect to PCB GND plane strongly through multiple vias.
D5
D6
E4
PVDD
F1
P
Integrated boost output and Class-D power stage supply.
F2
F3
SBCLK
A1
I
I2S/TDM serial bit clock.
SCL
B6
I
I²C Clock Pin. Pull up to IOVDD with a resistor.
SDA
A5
IO
I²C Data Pin. Pull up to IOVDD with a resistor.
SDIN
B2
I
I2S or TDM serial data input.
SDOUT
B1
IO
I2S or TDM serial data output.
SDZ
C3
I
Active low hardware shutdown.
SW
E1
P
Boost converter switch input.
E2
E3
VBAT
C1
P
Battery power supply input. Connect to 2.5-V to 5.5-V supply and decouple with a cap.
VBAT_SNS
C4
I
Battery sense terminal. Connect to 1S or 2S battery supply for remote battery sensing.
Ground the pin if remote sensing is not used.
VDD
C6
P
Analog, digital power supply. Connect to 1.8-V supply and decouple to GND with cap.
VSNS_N
E5
I
Voltage sense negative input. Connect to speaker negative terminal as close to speaker as
possible. Add series resistor if EMI filter is used.
VSNS_P
E6
I
Voltage sense positive input. Connect to speaker positive terminal as close to speaker as
possible. Add series resistor if EMI filter is used.
1. I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power.
www.ti.com
TAS2572
SLASF75 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TAS2572



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com