Electronic Components Datasheet Search
  English  ▼

X  

TLC320AD545IPT Datasheet(PDF) 32 Page - Texas Instruments

Part # TLC320AD545IPT
Description  Single Channel Data/Fax Codec
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD545IPT Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC320AD545IPT Datasheet HTML 28Page - Texas Instruments TLC320AD545IPT Datasheet HTML 29Page - Texas Instruments TLC320AD545IPT Datasheet HTML 30Page - Texas Instruments TLC320AD545IPT Datasheet HTML 31Page - Texas Instruments TLC320AD545IPT Datasheet HTML 32Page - Texas Instruments TLC320AD545IPT Datasheet HTML 33Page - Texas Instruments TLC320AD545IPT Datasheet HTML 34Page - Texas Instruments TLC320AD545IPT Datasheet HTML 35Page - Texas Instruments TLC320AD545IPT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
A–1
Appendix A
Programmable Register Set
Bits D12–D8 in a secondary serial communication comprise the address of the register that is written with data carried
in bits D7–D0. D13 determines a read or write cycle to the addressed register. When low (0), a write cycle is selected.
The following table shows the register map.
Table A–1. Register Map
REGISTER NO.
D15
D14
D13
D12
D11
D10
D9
D8
REGISTER NAME
1
0
0
R/W
0
0
0
0
1
Control 1
2
0
0
R/W
0
0
0
1
0
Control 2
Table A–2. Control Register 1
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
1
Software reset asserted
0
Software reset not asserted
1
S/W power down enabled
0
S/W power down disabled
1
Digital loopback asserted
0
Digital loopback not asserted
1
Analog loopback asserted
0
Analog loopback not asserted
1
Select data_in PGA for monitor amp input
0
Select DAC output for monitor amp input
1
0
1
Monitor amp PGA gain = 12 dB
1
0
0
Monitor amp PGA gain = 9 dB
0
1
1
Monitor amp PGA gain = 6 dB
0
1
0
Monitor amp PGA gain = 3 dB
0
0
1
Monitor amp PGA gain = 0 dB
0
0
0
Monitor amp PGA gain = mute
Default value: 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com