Electronic Components Datasheet Search
  English  ▼

X  

TLC0838CPWR.A Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC0838CPWR.A
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC0838CPWR.A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC0838CPWR.A Datasheet HTML 2Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 3Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 4Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 5Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 6Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 7Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 8Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 9Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TLC0834C, TLC0834I, TLC0838C, TLC0838I
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS094E – MARCH 1995 – REVISED OCTOBER 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC0838 MUX-ADDRESS CONTROL LOGIC TABLE
MUX ADDRESS
SELECTED CHANNEL NUMBER
SGL/DIF
ODD/EVEN
SELECT
0
123
COM
SGL/DIF
ODD/EVEN
1
0
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
L
L
L
L
+
–
L
L
L
H
+–
L
L
H
L
+–
L
L
H
H
+–
L
H
L
L
–
+
L
H
L
H
–+
L
H
H
L
–+
L
H
H
H
–+
H
L
L
L
+
–
H
L
L
H
+–
H
L
H
L
+–
H
L
H
H
+–
H
H
L
L
+
–
H
H
L
H
+–
H
H
H
L
+–
H
H
H
H
+
–
H = high level, L = low level, – or + = polarity of external input
absolute maximum ratings over recommended operating free-air temperature range (unless
otherwise noted)†
Supply voltage, VCC (see Note 1)
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range: Logic
– 0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog
– 0.3 V to VCC+ 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, II
±5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total input current
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: C suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I suffix
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: N package
260
°C
. . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values, except differential voltages, are with respect to the network ground terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com