Electronic Components Datasheet Search
  English  ▼

X  

TLC0838CPWR.A Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC0838CPWR.A
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC0838CPWR.A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC0838CPWR.A Datasheet HTML 9Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 10Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 11Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 12Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 13Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 14Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 15Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 16Page - Texas Instruments TLC0838CPWR.A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TLC0834C, TLC0834I, TLC0838C, TLC0838I
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS094E – MARCH 1995 – REVISED OCTOBER 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–1
Output Code
1
0.5
0
–0.5
0
32
64
96
128
160
192
224
256
Vref = 5 V
TA = 25°C
f(CLK) = 250 kHz
VDD = 5 V
Figure 11. Differential Nonlinearity With Output Code
–1
Output Code
1
0.5
0
–0.5
0
32
64
96
128
160
192
224
256
Vref = 5 V
TA = 25°C
f(CLK) = 250 kHz
VDD = 5 V
Figure 12. Integral Nonlinearity With Output Code
–1
Output Code
1
0.5
0
–0.5
0
32
64
96
128
160
192
224
256
Vref = 5 V
TA = 25°C
f(CLK) = 250 kHz
VDD = 5 V
Figure 13. Total Unadjusted Error With Output Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com