Electronic Components Datasheet Search
  English  ▼

X  

BAV23SH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV23SH
Description  225mA, 250V Dual High Speed Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV23SH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV23SH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV23SH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV23SH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV23SH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAV23SH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAV23SH
Taiwan Semiconductor
1
Version: A2501
225mA, 250V Dual High Speed Switching Diode
FEATURES
● AEC-Q101 qualified
● Fast switching speed
● Low leakage current
● Ideal for automated placement
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● High-speed switching at high voltage
● High-voltage general-purpose switching
MECHANICAL DATA
● Case: SOT-23
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Weight: 8.00mg (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
225
mA
VRRM
250
V
IFSM
9
A
TJ MAX
150
°C
VF at IF=200mA
1.25
V
Configuration
Dual die
PACKAGE: SOT-23
PIN CONFIGURATION
CIRCUIT DIAGRAM
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Power dissipation(1)
PD
350
mW
Repetitive peak reverse voltage
VRRM
250
V
Forward current
IF
225
mA
Repetitive peak forward current
IFRM
625
mA
Non-repetitive peak forward surge current
t = 10ms
IFSM
1.7
A
t = 100µs
3
A
t = 1µs
9
A
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C
Note:
1.
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint


Similar Part No. - BAV23SH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV23S PHILIPS-BAV23S Datasheet
52Kb / 8P
General purpose double diode
1999 May 05
logo
Transys Electronics
BAV23S TRSYS-BAV23S Datasheet
144Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Fairchild Semiconductor
BAV23S FAIRCHILD-BAV23S Datasheet
40Kb / 5P
HIGH VOLTAGE GENERAL PURPOSE DIODE
logo
Diodes Incorporated
BAV23S DIODES-BAV23S Datasheet
172Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 7 - 2
BAV23S DIODES-BAV23S Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 11 - 2
More results

Similar Description - BAV23SH

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BAS28 CENTRAL-BAS28 Datasheet
49Kb / 2P
DUAL, ISOLATED HIGH SPEED SWITCHING DIODE
logo
SUNMATE electronic Co.,...
GSD2004WS-V SUNMATE-GSD2004WS-V Datasheet
77Kb / 1P
225mA Surface Mount Small Signal Fast Switching Diode
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300_15 Datasheet
167Kb / 11P
Dual high-speed switching diode
Rev. 5-5 March 2012
1PS301 PHILIPS-1PS301_15 Datasheet
236Kb / 11P
Dual high-speed switching diode
Rev. 5-6 March 2012
1PS302 PHILIPS-1PS302_15 Datasheet
212Kb / 11P
Dual high-speed switching diode
Rev. 6-23 July 2012
logo
Nexperia B.V. All right...
BAS16DY-Q NEXPERIA-BAS16DY-Q Datasheet
204Kb / 9P
High-speed dual switching diode
20 April 2023
BAS16DY NEXPERIA-BAS16DY Datasheet
212Kb / 9P
High-speed dual switching diode
20 April 2023
1PS300 NEXPERIA-1PS300 Datasheet
749Kb / 11P
Dual high-speed switching diode
Rev. 5 - 5 March 2012
1PS301 NEXPERIA-1PS301 Datasheet
810Kb / 11P
Dual high-speed switching diode
Rev. 5 - 6 March 2012
1PS302 NEXPERIA-1PS302 Datasheet
787Kb / 11P
Dual high-speed switching diode
Rev. 6 - 23 July 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com