Electronic Components Datasheet Search
  English  ▼

X  

SHT4X Datasheet(PDF) 9 Page - Sensirion AG Switzerland

Part # SHT4X
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4X Datasheet(HTML) 9 Page - Sensirion AG Switzerland

Back Button SHT4X Datasheet HTML 5Page - Sensirion AG Switzerland SHT4X Datasheet HTML 6Page - Sensirion AG Switzerland SHT4X Datasheet HTML 7Page - Sensirion AG Switzerland SHT4X Datasheet HTML 8Page - Sensirion AG Switzerland SHT4X Datasheet HTML 9Page - Sensirion AG Switzerland SHT4X Datasheet HTML 10Page - Sensirion AG Switzerland SHT4X Datasheet HTML 11Page - Sensirion AG Switzerland SHT4X Datasheet HTML 12Page - Sensirion AG Switzerland SHT4X Datasheet HTML 13Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.sensirion.com / D1
Version 2
– July 2021
9/17
heating, it will return a NACK. Measurement data can only be received once and will be deleted
from the sensor’s register after the first acknowledged I2C read header.
Figure 8: I2C transfer types: First a write header is sent to the I2C slave, followed by a command,
for example “measure RH&T with highest precision”. After the measurement is finished the read
request directed to this I2C slave will be acknowledged and transmission of data will be started by
the slave.
4.2 Data type & length
I2C bus operates with 8-bit data packages. Information from the sensor to the master has a
checksum after every second 8-bit data package.
Humidity and temperature data will always be transmitted in the following way: The first value is
the temperature signal (2 * 8-bit data + 8-bit CRC), the second is the humidity signal (2 * 8-bit data
+ 8-bit CRC).
4.3 Checksum Calculation
For read transfers each 16-bit data is followed by a checksum with the following properties
Property
Value
Name
CRC-8
Message Length
16-bit
Polynomial
0x31 (x8 + x5 + x4 +1)
Initialization
0xFF
Reflect Input/Output
false/false
Final XOR
0x00
Examples
CRC(0xBEEF) = 0x92
Table 6 Data checksum properties.
The master may abort a read transfer after the 16-bit data, if it does not require a checksum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com