Electronic Components Datasheet Search
  English  ▼

X  

SHT4X Datasheet(PDF) 11 Page - Sensirion AG Switzerland

Part # SHT4X
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4X Datasheet(HTML) 11 Page - Sensirion AG Switzerland

Back Button SHT4X Datasheet HTML 7Page - Sensirion AG Switzerland SHT4X Datasheet HTML 8Page - Sensirion AG Switzerland SHT4X Datasheet HTML 9Page - Sensirion AG Switzerland SHT4X Datasheet HTML 10Page - Sensirion AG Switzerland SHT4X Datasheet HTML 11Page - Sensirion AG Switzerland SHT4X Datasheet HTML 12Page - Sensirion AG Switzerland SHT4X Datasheet HTML 13Page - Sensirion AG Switzerland SHT4X Datasheet HTML 14Page - Sensirion AG Switzerland SHT4X Datasheet HTML 15Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.sensirion.com / D1
Version 2
– July 2021
11/17
4.6 Serial number
Each sensor has a unique serial number, that is assigned by Sensirion during production. It is
stored in the one-time-programmable memory and cannot be manipulated after production. The
serial number is accessible via I2C command 0x89 and is transmitted as two 16-bit words, each
followed by an 8-bit CRC.
4.7 Reset & Abort
A reset of the sensor can be achieved in three ways:
• Soft reset: send the reset command described in Table 7.
• I2C general call reset: all devices on I2C bus are reset by sending the command 0x06 to
the I2C address 0x00.
• Power down (incl. pulling SCL and SDA low)
Any command that triggers an action at the sensor can be aborted via I2C general call reset or soft
reset.
4.8 Heater Operation
The sensor incorporates an integrated on-chip heater which can be switched on by the set of
commands given in Table 7. Three heating powers and two heating durations are selectable. After
reception of a heater-on command, the sensor executes the following procedure:
1. The heater is enabled and the timer starts its count-down
2. On timer expiration a temperature and humidity measurement with the highest repeatability
is started, the heater remains enabled
3. After the measurement is finished the heater is turned off
4. Temperature and humidity values are now available
The maximum on-time of the heater commands is 1 second, in order to prevent overheating of the
sensor by unintended usage of the heater. Thus, there is no dedicated command to turn off the
heater. For extended heating periods it is required to send periodic heater-on commands, keeping
in mind that the heater is designed for a maximal duty cycle of less than 5%. To obtain a fast
increase in temperature the idle time between consecutive heating pulses shall be kept minimal.
Possible Heater Use Cases
There will be dedicated Sensirion application notes elaborating on various use cases of the
heater. In general, the applications of the on-chip heater range around:
1. Removal of condensed / spray water on the sensor surface. Although condensed water is
not a reliability / quality problem to the sensor, it will however make the sensor non-
responsive to RH changes in the air as long as there is liquid water on the surface.
2. Creep-free operation in high humid environments. Periodic heating pulses allow for creep-
free high-humidity measurements for extended times.
Important notes for operating the heater:
1. The heater is designed for a maximum duty cycle of 5%, meaning the total heater-on-time
should not be longer than 5% of the sensor
’s lifetime.
2. During operation of the heater, sensor specifications are not valid.
3. The temperature sensor can additionally be affected by the thermally induced mechanical
stress, offsetting the temperature reading from the actual temperature.
4.
The sensor’s temperature (base temperature + temperature increase from heater) must
not exceed Tmax = 125 °C in order to have proper electrical functionality of the chip.
5. The heater draws a large amount of current once enabled (up to ~75mA in the highest
power setting). Although a dedicated circuitry draws this current smoothly, the power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com