Electronic Components Datasheet Search
  English  ▼

X  

0ALA Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0ALA
Description  Fast Acting fuse for DC Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ALA Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0ALA Datasheet HTML 1Page - Bel Fuse Inc. 0ALA Datasheet HTML 2Page - Bel Fuse Inc. 0ALA Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type 0ALA
2 / 3
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2024 Bel Fuse, Inc.
Rev. 0ALA May2024
Temperature Re-Rating Curve
Average Time Current Curve
Electrical Specifications
Part Number
Ampere Rating
Voltage and Interrupting
Ratings
0.5In Power Loss
(W)
I²t
(A²s)
Pre Arc
Total
0ALAxK150-xx
150A
See Table of Ratings on
Page 1 for Voltage and
associated Interrupting
Ratings
4.5
4630
23300
0ALAxK160-xx
160A
5.2
5560
29500
0ALAxK200-xx
200A
6.6
8300
43900
0ALAxK250-xx
250A
8.5
13300
75600
Consult manufacturer for other ratings
Specifications subject to change without notice
Operating Temperature: -40°C to +100°C, with proper
rerating factor applied
0.001
0.01
0.1
1
10
100
1000
100
1000
10000
Current (Amperes)
Time Current Curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com