Electronic Components Datasheet Search
  English  ▼

X  

0ALA Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ALA
Description  Fast Acting fuse for DC Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ALA Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ALA Datasheet HTML 1Page - Bel Fuse Inc. 0ALA Datasheet HTML 2Page - Bel Fuse Inc. 0ALA Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type 0ALA
1000VDC, Fast Acting Fuse
belfuse.com/circuit-protection
0ALA Series
RoHS Compliant
Description
Fast Acting fuse for DC Application
Features
- Excellent DC performance
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- Design to UL248-1 & UL248-20
Applications
DC Applications
EV/HEV/ESS Applications
Physical Specifications
Ratings
Materials
Body : Ceramic
Terminals : Tin Plated Copper
Marking
On Fuse :
“bel”,“0ALA”,
“Current Rating”, “Voltage Rating”, "Interrupting Rating"
On Label :
"bel", "0ALAX
”, "Current Rating", "Voltage Rating", "Interrupting Rating",
"Appropriate Safety Logos" and "
", "
"(China RoHS compliant).
Ampere Rating / Voltage Rating
Ampere Range / Volt
@ I.R. ability*
150A-250A / 1000V DC
150A-250A / 1000V @ 50kA DC
*I.R.= Interrupting Rating = Short Circuit Rating(Amps)
Specifications subject to change without notice


Similar Part No. - 0ALA

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ALA BEL-0ALA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
0ALABK150-BA BEL-0ALABK150-BA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
0ALABK160-BA BEL-0ALABK160-BA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
0ALABK200-BA BEL-0ALABK200-BA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
0ALABK250-BA BEL-0ALABK250-BA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
More results

Similar Description - 0ALA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
225100 LITTELFUSE-225100_1 Datasheet
42Kb / 1P
2AG Fast-Acting Fuse
logo
Cooper Bussmann, Inc.
BK-GMT-1A COOPER-BK-GMT-1A Datasheet
182Kb / 2P
Fast-Acting Indicating Telecom Fuse
504-GMT-5A COOPER-504-GMT-5A Datasheet
185Kb / 3P
Fast-Acting Indicating Telecom Fuse
logo
Bel Fuse Inc.
0ADAC BEL-0ADAC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADEC BEL-0ADEC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
logo
Eaton All Rights Reserv...
GMW EATON-GMW Datasheet
185Kb / 2P
Specialty fuse fast-acting and fuse holder
1025FA EATON-1025FA Datasheet
515Kb / 2P
Fast-acting surface mount fuse
logo
Bel Fuse Inc.
0AKH BEL-0AKH Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
0ALA BEL-0ALA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com