Electronic Components Datasheet Search
  English  ▼

X  

0ZCF Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0ZCF
Description  Surface Mount PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZCF Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0ZCF Datasheet HTML 1Page - Bel Fuse Inc. 0ZCF Datasheet HTML 2Page - Bel Fuse Inc. 0ZCF Datasheet HTML 3Page - Bel Fuse Inc. 0ZCF Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 0ZCF Series
4 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. 0ZCF Apr2023
Environmental Specifications
Temperature cycling
JESD22 Method JA-104
Biased humidity
MIL-STD-202 Method 103
Operational life
MIL-STD-202 Method 108
Resistance to solvents
MIL-STD-202 Method 215
Mechanical shock
MIL-STD-202 Method 213
Vibration
MIL-STD-202 Method 204
Resistance to soldering heat
MIL-STD-202 Method 210
Thermal shock
MIL-STD-202 Method 107
Solderability
ANSI/J-STD-002
Board flex(SMD)
AEC-Q200-005
Terminal strength
AEC-Q200-006
Solder Reflow and Rework Recommendations
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3°C/second max
Preheat :
Temperature Min (Tsmin)
Temperature Max (Tsmax)
Time (tsmin to tsmax)
150°C
200°C
60-180 seconds
Time maintained above:
Temperature(TL)
217°C
Time (tL)
60-150 seconds
Peak/Classification Temperature(Tp) :
260°C
Time within 5°C of actual Peak :
Temperature (tp)
20-40 seconds
Ramp-Down Rate :
6°C/second max.
Time 25°C to Peak Temperature :
8 minutes max
Solder Reflow
Due to “lead free / RoHS Compliant ” construction of these PTC devices , the required Temperature and Dwell Time in the “ Soldering ” zone of
the reflow profile are greater than those used for non-RoHS devices.
1. Recommended reflow methods; IR, vapor phase oven, hot air oven.
2. Not Recommended For Wave Solder / Direct Immersion.
3. Recommended paste thickness range
– 0.20 – 0.25mm.
4. Devices are compatible with standard industry cleaning solvents and methods.
5. MSL: 2a (According to IPC J-Std-020).
Caution
If reflow temperature / dwell times exceed the recommended profile, the electrical performance of the PTC may be affected.
Rework: MIL-STD-202G Method 210F, Test Condition A.
Standard Packaging
P/N Explanation and Ordering Information
Part Number
Tape/Reel Qty
0ZCF0030FF2C
Thru
0ZCF0075AF2C
2,000
0ZCF0100AF2A
1,000
0ZCF0110AF2A
1,000
0ZCF0110FF2C
Thru
0ZCF0330FF2C
2,000
0ZCF0400FF2A
0ZCF0500FF2A
1,000
2000 or 1000 fuses in 7 inches dia. Reel, 8mm wide
tape, 4mm pitch, per EIA-481(equivalent IEC-286 part 3).
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com