Electronic Components Datasheet Search
  English  ▼

X  

0ZCF Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ZCF
Description  Surface Mount PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZCF Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ZCF Datasheet HTML 1Page - Bel Fuse Inc. 0ZCF Datasheet HTML 2Page - Bel Fuse Inc. 0ZCF Datasheet HTML 3Page - Bel Fuse Inc. 0ZCF Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount PTC
0ZCF Series
belfuse.com/circuit-protection
0ZCF Series – 2920 Chip
RoHS Compliant
Product Features
- 2920 Chip Size, Fast Trip Time, High Hold Currents
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- AEC-Q Compliant
- Meets Bel automotive qualification*
* - Largely based on internal AEC-Q test plan
Operating (Hold Current) Range
300mA
– 5A
Maximum Voltage
6
– 60V (per table)
Temperature Range
-40°C to 85°C
Agency Approval
TUV (Std. EN/IEC 60738-1-1 and EN/IEC 60730-1, Cert. R50102117)
UL Recognized Component (Std. UL1434, File E305051)
LEAD FREE =
HALOGEN FREE =
Part Number
Hold
Current
Trip
Current
Rated
Voltage
Maximum
Current
Typical
Power
Max Time to Trip
Resistance Tolerance Agency Approvals
Current
Time
Rmin
R1max
IH, A
IT, A
Vmax, Vdc
Imax, A
Pd, W
A
Sec
Ohms
Ohms
A 0ZCF0030FF2C
0.30
0.60
60
100
1.5
1.5
3.0
1.000
4.800
Y
Y
B 0ZCF0050FF2C
0.50
1.00
60
100
1.5
2.5
4.0
0.300
1.400
Y
Y
C
0ZCF0075FF2C
0.75
1.50
33
100
1.5
8.0
0.3
0.180
1.000
Y
Y
0ZCF0075AF2C
0.75
1.50
60
100
1.5
8.0
0.3
0.180
1.000
Y
Y
D
0ZCF0100AF2A
1.00
2.00
60
100
1.5
8.0
0.5
0.090
0.410
Y
Y
0ZCF0110FF2C
1.10
2.20
33
100
1.5
8.0
0.5
0.090
0.410
Y
Y
E 0ZCF0110AF2A
1.10
2.20
60
100
1.5
8.0
0.5
0.090
0.410
Y
Y
F
0ZCF0125FF2C
1.25
2.50
33
100
1.5
8.0
2.0
0.050
0.250
Y
Y
G 0ZCF0150FF2C
1.50
3.00
33
100
1.5
8.0
2.0
0.050
0.230
Y
Y
H 0ZCF0185FF2C
1.85
3.70
33
100
1.5
8.0
2.5
0.040
0.150
Y
Y
I
0ZCF0200FF2C
2.00
4.00
16
100
1.5
8.0
4.5
0.035
0.120
Y
Y
0ZCF0200AF2C
2.00
4.00
24
100
1.5
8.0
5.0
0.035
0.120
Y
Y
J
0ZCF0250FF2C
2.50
5.00
16
100
1.5
8.0
16.0
0.025
0.085
Y
Y
K
0ZCF0260FF2C
2.60
5.20
6
100
1.5
8.0
20.0
0.020
0.075
Y
Y
0ZCF0260AF2C
2.60
5.20
24
100
1.5
8.0
20.0
0.020
0.075
Y
Y
L
0ZCF0300FF2C
3.00
5.20
6
100
1.5
8.0
25.0
0.010
0.048
Y
Y
0ZCF0300AF2C
3.00
5.20
15
100
1.5
8.0
20.0
0.010
0.048
Y
Y
0ZCF0300BF2C
3.00
5.20
24
100
1.5
8.0
20.0
0.010
0.048
Y
Y
M 0ZCF0330FF2C
3.30
5.50
24
100
1.5
8.0
20.0
0.010
0.048
Y
Y
N 0ZCF0400FF2A
4.00
8.00
16
100
1.5
20.0
4.0
0.010
0.040
Y
Y
O 0ZCF0500FF2A
5.00
10.00
16
100
1.5
20.0
5.0
0.005
0.025
Y
Y
IH
Hold Current- The maximum current at which the device will not trip in still air at 23°C.
IT
Trip current- The minimum current at which the device will trip in still air at 23°C.
Vmax
Maximum voltage device can withstand at its rated current without suffering damage.
Imax
Maximum fault current device can withstand at rated voltage (Vmax) without damage.
Pd
Typical power dissipated by device when in tripped state in 23°C still air environment.
Rmin
Minimum device resistance at 23°C in initial un-soldered state.
R1max Maximum device resistance at 23°C, 1 hour after initial device trip, or after being soldered to PCB in end application.
Specifications subject to change without notice
AEC-Q Compliant
Electrical Characteristics (23
)


Similar Part No. - 0ZCF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZCF BEL-0ZCF Datasheet
1Mb / 4P
Surface Mount PTC
0ZCF BEL-0ZCF Datasheet
1Mb / 4P
Surface Mount PTC
0ZCF0030FF2C BEL-0ZCF0030FF2C Datasheet
1Mb / 4P
Surface Mount PTC
0ZCF0030FF2C BEL-0ZCF0030FF2C Datasheet
1Mb / 4P
Surface Mount PTC
0ZCF0050FF2C BEL-0ZCF0050FF2C Datasheet
1Mb / 4P
Surface Mount PTC
More results

Similar Description - 0ZCF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L LITTELFUSE-1206L Datasheet
129Kb / 2P
Surface Mount PTC
1812L LITTELFUSE-1812L Datasheet
154Kb / 2P
Surface Mount PTC
3425L LITTELFUSE-3425L Datasheet
249Kb / 2P
Surface Mount PTC
logo
Bel Fuse Inc.
0ZCB BEL-0ZCB_13 Datasheet
1Mb / 4P
Surface Mount PTC
0ZCD BEL-0ZCD_13 Datasheet
1Mb / 4P
Surface Mount PTC
0ZCE BEL-0ZCE_13 Datasheet
1Mb / 4P
Surface Mount PTC
0ZCJ BEL-0ZCJ Datasheet
1Mb / 4P
Surface Mount PTC
0ZCM BEL-0ZCM Datasheet
1Mb / 4P
Surface Mount PTC
0ZCH BEL-0ZCH_16 Datasheet
1Mb / 4P
Surface Mount PTC
0ZCK BEL-0ZCK_16 Datasheet
1Mb / 4P
Surface Mount PTC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com