| Electronic Components Datasheet Search |
|
SN54HC652 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN54HC652 Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 13 page ![]() SN54HC652, SN74HC652 OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS SCLS151E – DECEMBER 1982 – REVISED MARCH 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) Data on the A or B data bus, or both, can be stored in the internal D-type flip-flops by low-to-high transitions at the appropriate clock (CLKAB or CLKBA) terminals, regardless of the select- or output-control terminals. When SAB and SBA are in the real-time transfer mode, it is possible to store data without using the internal D-type flip-flops by simultaneously enabling OEAB and OEBA. In this configuration, each output reinforces its input. When all other data sources to the two sets of bus lines are at high impedance, each set of bus lines remains at its last state. To ensure the high-impedance state during power up or power down, OEBA should be tied to VCC through a pullup resistor, and OEAB should be tied to GND through a pulldown resistor; the minimum value of the resistor is determined by the current-sinking/current-sourcing capability of the driver. FUNCTION TABLE INPUTS DATA I/O† OPERATION OR FUNCTION OEAB OEBA CLKAB CLKBA SAB SBA A1–A8 B1–B8 OPERATION OR FUNCTION L H H or L H or L X X Input Input Isolation L H ↑↑ X X Input Input Store A and B data X H ↑ H or L X X Input Unspecified‡ Store A, hold B H H ↑↑ X‡ X Input Output Store A in both registers L X H or L ↑ X X Unspecified‡ Input Hold A, store B L L ↑↑ XX‡ Output Input Store B in both registers L L X X X L Output Input Real-time B data to A bus L L X H or L X H Output Input Stored B data to A bus H H X X L X Input Output Real-time A data to B bus H H H or L X H X Input Output Stored A data to B bus H L H or L H or L H H Output Output Stored A data to B bus and stored B data to A bus † The data-output functions are enabled or disabled by a variety of level combinations at OEAB or OEBA. Data-input functions always are enabled; i.e., data at the bus terminals is stored on every low-to-high transition on the clock inputs. ‡ Select control = L: clocks can occur simultaneously. Select control = H: clocks must be staggered to load both registers. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |