Electronic Components Datasheet Search
  English  ▼

X  

SN54LS273 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54LS273
Description  OCTAL D-TYPE FLIP-FLOP WITH CLEAR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54LS273 Datasheet(HTML) 3 Page - Texas Instruments

  SN54LS273 Datasheet HTML 1Page - Texas Instruments SN54LS273 Datasheet HTML 2Page - Texas Instruments SN54LS273 Datasheet HTML 3Page - Texas Instruments SN54LS273 Datasheet HTML 4Page - Texas Instruments SN54LS273 Datasheet HTML 5Page - Texas Instruments SN54LS273 Datasheet HTML 6Page - Texas Instruments SN54LS273 Datasheet HTML 7Page - Texas Instruments SN54LS273 Datasheet HTML 8Page - Texas Instruments SN54LS273 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN54273, SN54LS273, SN74273, SN74LS273
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SDLS090 – OCTOBER 1976 – REVISED MARCH 1988
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
5.5 V
. . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54273
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74273
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: Voltage values are with respect to network ground terminal.
recommended operating conditions
SN54273
SN74273
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
4.75
5
5.25
V
High-level output current, IOH
– 800
– 800
µA
Low-level output current, IOL
16
16
mA
Clock frequency, fclock
0
30
0
30
MHz
Width of clock or clear pulse, tw
16.5
16.5
ns
Setup time t
Data input
20
↑
20
↑
ns
Setup time, tsu
Clear inactive state
25
↑
25
↑
ns
Data hold time, th
5
↑
5
↑
ns
Operating free-air temperature, TA
–55
125
0
70
°C
↑ The arrow indicates that the rising edge of the clock pulse is used for reference.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VIK
Input clamp voltage
VCC = MIN,
II = – 12 mA
–1.5
V
VOH
High-level output voltage
VCC = MIN,
VIL = 0.8 V,
VIH = 2 V,
IOH = – 800 µA
2.4
3.4
V
VOL
Low-level output voltage
VCC = MIN,
VIL = 0.8 V,
VIH = 2 V,
IOH = 16 mA
0.4
V
II
Input current at maximum input voltage
VCC = MAX,
VI = 5.5 V
1
mA
IIH
High level input current
Clear
VCC = MAX
VI =2 4V
80
µA
IIH
High-level input current
Clock or D
VCC = MAX,
VI = 2.4 V
40
µA
IIL
Low level input current
Clear
VCC = MAX
VI =0 4V
– 3.2
mA
IIL
Low-level input current
Clock or D
VCC = MAX,
VI = 0.4 V
– 1.6
mA
IOS
Short-circuit output current§
VCC = MAX
–18
–57
mA
ICC
Supply current
VCC = MAX,
See Note 2
62
94
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time.
NOTE 2: With all outputs open and 4.5 V applied to all data and clear inputs, ICC is measured after a momentary ground, then 4.5 V, is applied
to clock.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com