Electronic Components Datasheet Search
  English  ▼

X  

SN54LS273 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54LS273
Description  OCTAL D-TYPE FLIP-FLOP WITH CLEAR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54LS273 Datasheet(HTML) 4 Page - Texas Instruments

  SN54LS273 Datasheet HTML 1Page - Texas Instruments SN54LS273 Datasheet HTML 2Page - Texas Instruments SN54LS273 Datasheet HTML 3Page - Texas Instruments SN54LS273 Datasheet HTML 4Page - Texas Instruments SN54LS273 Datasheet HTML 5Page - Texas Instruments SN54LS273 Datasheet HTML 6Page - Texas Instruments SN54LS273 Datasheet HTML 7Page - Texas Instruments SN54LS273 Datasheet HTML 8Page - Texas Instruments SN54LS273 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN54273, SN54LS273, SN74273, SN74LS273
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SDLS090 – OCTOBER 1976 – REVISED MARCH 1988
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
Maximum clock frequency
C
30
40
MHz
tPHL
Propagation delay time, high-to-low-level output from clear
CL = 15 pF,
RL = 400 Ω
18
27
ns
tPLH
Propagation delay time, low-to-high-level output from clock
RL = 400 Ω,
See Note 3
17
27
ns
tPHL
Propagation delay time, high-to-low-level output from clock
See Note 3
18
27
ns
NOTE 3: Load circuits and voltage waveforms are shown in Section 1.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54LS273
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74LS273
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: Voltage values are with respect to network ground terminal.
recommended operating conditions
SN54LS273
SN74LS273
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
4.75
5
5.25
V
High-level output current, IOH
– 400
– 400
µA
Low-level output current, IOL
4
8
mA
Clock frequency, fclock
0
30
0
30
MHz
Width of clock or clear pulse, tw
20
20
ns
Setup time t
Data input
20
↑
20
↑
ns
Setup time, tsu
Clear inactive state
25
↑
25
↑
ns
Data hold time, th
5
↑
5
↑
ns
Operating free-air temperature, TA
–55
125
0
70
°C
↑ The arrow indicates that the rising edge of the clock pulse is used for reference.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com