Electronic Components Datasheet Search
  English  ▼

X  

0ZRF Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0ZRF
Description  Radial Leaded PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZRF Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0ZRF Datasheet HTML 1Page - Bel Fuse Inc. 0ZRF Datasheet HTML 2Page - Bel Fuse Inc. 0ZRF Datasheet HTML 3Page - Bel Fuse Inc. 0ZRF Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 0ZRF Series
4 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. 0ZRF Apr2023
Environmental Specifications
Temperature cycling
JESD22 Method JA-104
Biased humidity
MIL-STD-202 Method 103
Operational life
MIL-STD-202 Method 108
Terminal strength
AEC-Q200-004
Resistance to solvents
MIL-STD-202 Method 215
Mechanical shock
MIL-STD-202 Method 213
Vibration
MIL-STD-202 Method 204
Resistance to soldering heat
MIL-STD-202 Method 210
Thermal shock
MIL-STD-202 Method 107
Solderability
ANSI/J-STD-002
Soldering Parameters
Lead-free Wave Soldering Profile
Wave Solder Parameter
Average ramp-up rate
200°C / second
Heating rate during preheat
typical 1 - 2°C / second
Max 4°C / second
Final preheat temperature
within 125°C of soldering
temperature
Peak temperature Tp
260°C
Time within +0°C / -5°C of actual peak
temperature
10 seconds
Ramp-down rate
5°C / second max.
Standard Packaging
P/N Explanation and Ordering Information
Part Number
Bulk
Reel/Tape
Pcs/Box
P/N Code
Pcs/Reel
P/N Code
0ZRF0008FF
-
0ZRF0015FF
3000
1E
1500
2B
0ZRF0018FF
1000
1A
N/A
N/A
0ZRF0018AF
3000
1E
1500
2B
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com