Electronic Components Datasheet Search
  English  ▼

X  

0ZRF Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ZRF
Description  Radial Leaded PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZRF Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ZRF Datasheet HTML 1Page - Bel Fuse Inc. 0ZRF Datasheet HTML 2Page - Bel Fuse Inc. 0ZRF Datasheet HTML 3Page - Bel Fuse Inc. 0ZRF Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Radial Leaded PTC
0ZRF Series
belfuse.com/circuit-protection
0ZRF Series
RoHS Compliant
Product Features
- Telecom Power Cross Protection
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- AEC-Q Compliant
- Meets Bel automotive qualification*
* - Largely based on internal AEC-Q test plan
Operating (Hold Current) Range
0.08A - 0.18A
Maximum Operating Voltage
60VDC / 100VDC
Maximum Interrupt Voltage
250VDC
Temperature Range
-40
℃ to 85℃
Agency Approval
TUV (Std. EN60738-1-1, Cert. R50102125 & R50348601)
UL Recognized Component (Std. UL1434, File E305051)
.
LEAD FREE =
HALOGEN FREE =
Electrical Characteristics (23
)
Part Number
(Bulk)
Hold
Current
Trip
Current
Max. Oper.
Voltage
Max. Int.
Voltage
Max
Current
Typical
Power
Max Time to Trip Resistance Tolerance Agency Approvals
Current
Time
Rmin
R1max
IH, A
IT, A
Vmax, Vdc VI-max, Vac Imax, A Pd, W
A
Sec
Ohms
Ohms
A 0ZRF0008FF1E
0.08
0.24
60
250
3
1.0
0.35
4.0
14.0
33
Y
Y
B 0ZRF0011FF1E
0.11
0.40
60
250
3
1.0
1.00
2.0
5.0
16
Y
Y
C 0ZRF0012FF1E
0.12
0.48
60
250
3
1.0
1.00
2.0
4.0
16
Y
Y
D 0ZRF0015FF1E
0.15
0.58
60
250
3
1.0
1.00
2.5
3.0
12
Y
Y
E 0ZRF0018FF1A
0.18
0.58
60
250
3
1.5
1.50
11.0
0.8
4
Y
Y
F 0ZRF0018AF1E
0.18
0.65
100
250
10.0
1.0
3.00
2.0
0.8
4
Y
Y
IH
Hold Current- The maximum current at which the device will not trip in still air at 23°C.
IT
Trip current- The minimum current at which the device will trip in still air at 23°C.
Vmax
Maximum voltage device can withstand at its rated current without suffering damage.
Imax
Maximum fault current device can withstand at rated voltage (Vmax) without damage.
Pd
Typical power dissipated by device when in tripped state in 23°C still air environment.
Rmin
Minimum device resistance at 23° C in initial un-soldered state.
R1max Maximum device resistance at 23°C, 1 hour after initial device trip, or after being soldered to PCB in end application.
NOTE : All 0ZRF products are designed to assist equipment to pass ITU, UL1950 or GR1089 specification.
CAUTION : 0ZRF devices are not intended for continuous use of Line Voltage such as 120VAC ~ 600VAC and above.
Specifications subject to change without notice
AEC-Q Compliant


Similar Part No. - 0ZRF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRF0008FF BEL-0ZRF0008FF Datasheet
323Kb / 2P
Radial Leaded PTC
0ZRF0008FF1E BEL-0ZRF0008FF1E Datasheet
323Kb / 2P
Radial Leaded PTC
0ZRF0008FF1E BEL-0ZRF0008FF1E Datasheet
1Mb / 4P
Radial Leaded PTC
More results

Similar Description - 0ZRF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
Radial Leaded PTC
0ZRS0050FF1E BEL-0ZRS0050FF1E Datasheet
822Kb / 4P
Radial Leaded PTC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com