Electronic Components Datasheet Search
  English  ▼

X  

MP6527GF-P Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP6527GF-P
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527GF-P Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP6527GF-P Datasheet HTML 16Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 17Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 18Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 19Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 20Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 21Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 22Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 23Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
21
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. For the best results, refer to Figure 6
and follow the guidelines below:
1. Place a bulk capacitor on the VIN pin to
absorb the energy flowing from the motor or
power supply. The capacitor should be sized
according to the application requirements.
2. Place a supply bypass capacitor as close to
the IC as possible. It is recommended to use
a X5R or X7R dielectric capacitor.
3. Place as much copper on the long pads as
possible.
4. Place multiple thermal vias inside the pad
area to move heat to the copper layers. If the
vias cannot be placed inside the pad area,
place the vias just outside the pad area.
Figure 6: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com