Electronic Components Datasheet Search
  English  ▼

X  

MP6527GF-P Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP6527GF-P
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527GF-P Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP6527GF-P Datasheet HTML 16Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 17Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 18Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 19Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 20Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 21Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 22Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 23Page - Monolithic Power Systems MP6527GF-P Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
23
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
CARRIER INFORMATION
Part Number
Package
Description
Quantity/
Reel
Quantity/
Tube
Reel
Diameter
Carrier
Tape Width
Carrier
Tape Pitch
MP6527GF
–Z
TSSOP-28EP
2500
50
13in
16mm
8mm
Pin1
1
1
1
1
Feed Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com