Electronic Components Datasheet Search
  English  ▼

X  

TLN115AF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLN115AF
Description  Infrared LED GaAs Infrared Emitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN115AF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLN115AF Datasheet HTML 1Page - Toshiba Semiconductor TLN115AF Datasheet HTML 2Page - Toshiba Semiconductor TLN115AF Datasheet HTML 3Page - Toshiba Semiconductor TLN115AF Datasheet HTML 4Page - Toshiba Semiconductor TLN115AF Datasheet HTML 5Page - Toshiba Semiconductor TLN115AF Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLN115A(F)
2007-10-01
4
100
1.4
0
-40
0.8
0.6
0.4
0.2
-20
0
20
40
60
80
1.0
1.2
Relative IE – Ta
(typ.)
Ambient temperature Ta (°C)
IF = 50mA
1000
300
3
10
30
100
1000
50
0.1
1
30
300
5
3
10
0.5
0.3
1
500
100
IEP – IFP
(typ.)
Pulse forward current IFP (mA)
Pulse width ≦100μs
Repeitive
freqency = 100Hz
Ta = 25°C
Distance Characteristics
Distance d (m)
1000
100
1
0.001
0.01
10
10
0.1
0.01
1
0.1
100
0.001
10
0.1
0.01
1
0.0001
IEP = 200mW / sr at IFP ~300mA,
f = 100Hz, PW = 100μs
IE = 20mW / sr at IF ~50mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com