Electronic Components Datasheet Search
  English  ▼

X  

TLN115AF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLN115AF
Description  Infrared LED GaAs Infrared Emitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN115AF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLN115AF Datasheet HTML 1Page - Toshiba Semiconductor TLN115AF Datasheet HTML 2Page - Toshiba Semiconductor TLN115AF Datasheet HTML 3Page - Toshiba Semiconductor TLN115AF Datasheet HTML 4Page - Toshiba Semiconductor TLN115AF Datasheet HTML 5Page - Toshiba Semiconductor TLN115AF Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLN115A(F)
2007-10-01
5
Wavelength Characteristic
(typ.)
Wavelength λ (nm)
1.2
0.0
860
0.8
0.6
0.4
0.2
880
900
920
940
960
1000
980
1.0
IF = 50mA
Ta = 25°C
Radiation Pattern
(typ.)
(Ta = 25°C)
Relative intensity
0
0.2
0.4
0.6
0.8
1.0
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com