Electronic Components Datasheet Search
  English  ▼

X  

RI-91 Datasheet(PDF) 1 Page - Comus International

Part # RI-91
Description  RI-91 Series Dry Reed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

RI-91 Datasheet(HTML) 1 Page - Comus International

  RI-91 Datasheet HTML 1Page - Comus International RI-91 Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA Tel: +(1)973 777 6900 ▪ BE Tel: + 32 (0)12 390400 ▪ UK Tel: +44 (0)1255 862236 ▪ USA Tel: +(1)401 830 2100 ▪ NL Tel: +31(0)45 5439345
USA Tel: +(1)800 864 2815 ▪ IN Tel: +(91)(44)42023510
RI-91 Series Dry Reed Switch
RI-91 Series
10W changeover dry-reed switch hermetically sealed in a gas-filled envelope.
Single-pole, double-throw (SPDT) type, having a normally open and a normally
closed contact.
The switch may be actuated by an electromagnet, a permanent magnet or a
combination of both. The device is intended for use in sensors, relays, pulse counters
or similar devices.
RI-91 Series Features
▪ Ideal for ATE relays and proximity sensors
▪ Contact layers: Ruthenium on gold
▪ 10 W, 170 VDC
▪ Excellent life expectancy and reliability
▪ UL#: E125629
Dimensions for RI-91 Series
All Dimension in inches (mm) nominal
AT-Customization / Preformed Leads
Besides the standard models, customized products can also be
supplied offering the following options:
• Operate and release ranges to customer specification
• Cropped and/or preformed leads
Test Coils
All characteristics are measured using the Philips Standard Coil
with full length switches.
Life expectancy and reliability
The life expectancy data given below are valid for a coil
energized at 1.5 times the published maximum operate value for
each type in the RI-91 series.
No load conditions (operating frequency: 100Hz)
Life expectancy: min. 108 operations with a failure rate of less
than 2 x 10-9.
End of life criteria:
Contact resistance > 1Ω after 2 ms
Release time > 2 ms (latching or contact sticking).
Operating and Storage Temperature
Operating ambient temperature; min: -55°C; max: +125°C.
Storage temperature; min: -55°; max: +125°C. Note: Temperature
excursions up to 150°C may be permissible.
Soldering
The switch can withstand soldering heat in accordance with
“IEC 68-2-20”, test Tb, method 1B: solder bath at 350 ± 10°C
for 3.5 ± 0.5 s. Solderability is tested in accordance with “IEC
68-2-20” test Ta, method 3: solder globule temperature 235°C;
ageing 1b: 4 hours steam.
Mounting
The leads should not be bent closer than 1 mm to the glass-to-
metal seals. Stress on the seals should be avoided. Care must
be taken to prevent stray magnetic fields from influencing the
operating and measuring conditions.
Ordering Information
Group
RI-91 NO:
DC Load [W = V x mA]
B10 [Mcy]
MCTF [Mcy]
10 = 175 x 57
2.2
6.2
10 = 71 x 140
0.60
0.75
10 = 50 x 200
0.60
1.1
10 = 20 x 500
0.22
0.38
RI-91 NC:
DC Load [W = V x mA]
B10 [Mcy]
MCTF [Mcy]
10 = 175 x 57
0.06
1.2
10 = 71 x 140
0.33
0.73
B10 = ‘minimal life expectancy’ at 10% failures.
Mcy = mega cycles or one million operations.
MCTF = mean cycle to failure
Series
AT Range
Options
RI-91GP
15 to 30 AT *Minimum 5 AT Range MOD1
Part Number Example:
RI-91GP 1520
General data for all models RI-91
10W
Form C
Ø.023 MAX
(.60)
Ø.023 MAX
(.60)
.100 MAX (2.54)
.100 MAX (2.54)
1.00 ± .020 (25.4 ± 0.5)
1.00 ± .020 (25.4 ± 0.5)
1.956 ± .019 (49.7 ± 0.5)
.563 MAX (14.3)
.563 MAX (14.3)
1.988 ± .019 (50.5 ± .6)
.685 MAX (17.4)
.059 (1.5) ref
Ø.020 MAX (.50)
Ø.020 MAX (.50)
Ø.020 MAX (.50)
Ø.020 MAX (.50)
.768 (19.5) ref
.059 (1.5)
.003 ± .019 (0.8 ± 0.5)
.738 ± .009 (18.75 ± 0.25)
NC Lead
NC Lead
NO Lead
NO Lead
.100 ± .009 MAX (2.54 ± 0.25)


Similar Part No. - RI-91

ManufacturerPart #DatasheetDescription
logo
Coto Technology
RI-90 COTO-RI-90 Datasheet
88Kb / 2P
Dry Reed Switch
logo
Comus International
RI-90 COMUS-RI-90 Datasheet
981Kb / 3P
RI-90 Series Dry Reed Switch
More results

Similar Description - RI-91

ManufacturerPart #DatasheetDescription
logo
Coto Technology
RI-01B COTO-RI-01B Datasheet
212Kb / 2P
Dry Reed Switch
RI-02SMD COTO-RI-02SMD Datasheet
209Kb / 2P
Dry Reed Switch
RI-05 COTO-RI-05 Datasheet
212Kb / 2P
Dry Reed Switch
RI-25 COTO-RI-25 Datasheet
242Kb / 2P
Dry Reed Switch
RI-26 COTO-RI-26 Datasheet
226Kb / 2P
Dry Reed Switch
RI-29 COTO-RI-29 Datasheet
212Kb / 2P
Dry Reed Switch
RI-44 COTO-RI-44 Datasheet
196Kb / 2P
Dry Reed Switch
logo
List of Unclassifed Man...
RI-80SMD0515 ETC2-RI-80SMD0515 Datasheet
99Kb / 2P
RI-80 SMD Series Dry Reed Switch
RI-08A ETC2-RI-08A Datasheet
97Kb / 2P
RI-08 Series Dry Reed Switch
logo
Coto Technology
RI-08 COTO-RI-08 Datasheet
97Kb / 2P
Dry Reed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com