Electronic Components Datasheet Search
  English  ▼

X  

RI-91 Datasheet(PDF) 2 Page - Comus International

Part # RI-91
Description  RI-91 Series Dry Reed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

RI-91 Datasheet(HTML) 2 Page - Comus International

  RI-91 Datasheet HTML 1Page - Comus International RI-91 Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RI-91 Series Dry Reed Switch
Technical Specifications
Parameters
Test Conditions
Units
RI-91
Operating Characteristics
Operate Range
AT
15-30
Release Range
AT
5 (min)
Operate Time - including Bounce (typ.)
ms
1.5
Bounce Time (typ.)
ms
1.0
Release Time (max)
ms
1.0
Electrical Characteristics
Switched Power (max)
W
10
Switched Voltage DC (max)
V
175
Switched Voltage AC, RMS value (max)
V
125
Switched Current DC (max)
mA
500 NO / 140 NC
Switched Current AC, RMS value (max)
mA
140 NO / 140 NC
Carry Current DC (max)
A
0.5
Breakdown Voltage (min)
V
200
Contact Resistance (initial max.)
mΩ
140
Contact Resistance (initial typ.)
mΩ
120
Contact Capacitance (max)
without test coil
pF
0.8
Insulation Resistance (min)
RH ≤ 45%
MΩ
103
USA Tel: +(1)973 777 6900 ▪ BE Tel: + 32 (0)12 390400 ▪ UK Tel: +44 (0)1255 862236 ▪ USA Tel: +(1)401 830 2100 ▪ NL Tel: +31(0)45 5439345
USA Tel: +(1)800 864 2815 ▪ IN Tel: +(91)(44)42023510
Comus International
454 Allwood Road
Clifton, New Jersey 07012
U.S.A
Tel: (1)973 - 777 - 6900
Fax: (1)973 - 777 - 8405
email: info@comus-intl.com
Website: http://www.comus-intl.com
Comus Relays & Sensors
37 Thurber Boulevard, Suite 102
Smithfield, Rhode Island 02917
U.S.A
Tel: (1)401 - 830 - 2100
email: sales@comusrelay.com
Website: http://www.comusrelay.com
Computer Components, Inc.
18-B Kripes Road.
P.O. Box 1378
East Granby, Connecticut 06026
U.S.A
Tel: (1)800 - 864 - 2815
email: info@relays-unlimited.com
Website: http://www.relays-unlimited.com
Comus Technology BV
Jan Campertstraat 11
6416 SG Heerlen
The Netherlands
Tel: +31(0)45 5439345
Fax: +31(0)45 5427216
email: info@comus-intl.com
Website: http://www.dry-reeds.com
Switching Technologies Gunther
B-9, B-10, & C-1
Special Economic Zone (MEPZ)
Kaddaperi, Tambaran
Chennai 600045
India
Comus Belgium BVBA
Overhaamlaan 40
B-3700 Tongeren
Belgium
Tel: +33 (0)12 390400
Fax: +33 (0)12 235754
email: info@comus.be
Website: http://www.comus.be
Comus Europe Ltd
Unit 7, Rice Bridge Industrial Estate
Thorpe - Le - Soken
Essex, England
CO160HL
Tel: +44 (0)1255 862236
Fax: +44 (0)1255 862014
email: sales@comuseurope.co.uk
Website: http://www.comuseurope.co.uk
Comus Electronics and Technologies
India Private Limited
2nd Floor, No.31/33, Anjugam Nagar
2nd Street, Ashok Nagar, Jaferkhanpet
Chennai 600083
Tamil Nadu, India
Tel:+(91)-(44)-42023510
Fax:+(91)-(44)-22628198
email: info@comus-intl.com
Website: http://www.comusindia.com
10W
Form C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com