Electronic Components Datasheet Search
  English  ▼

X  

FS32K112BFT0M Datasheet(PDF) 20 Page - NXP Semiconductors

Part # FS32K112BFT0M
Description  NXP Semiconductors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BFT0M Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button FS32K112BFT0M Datasheet HTML 16Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 17Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 18Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 19Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 20Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 21Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 22Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 23Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
Table 8. VLPS additional use-case power consumption at typical conditions 1, 2, 3
Use-case
Description
Temp.
Device
Unit
S32K116
S32K118
S32K142
S32K144
S32K146
S32K148
VLPS and RTC
• Clock source: LPO or RTC_CLKIN
25
30
30
30
31
38
40
μA
85
96
102
148
170
227
356
μA
105
179
189
280
290
460
600
μA
125
281
327
570
680
810
1250
μA
VLPS and LPUART
TX/RX
• Clock source: SIRC
• Transmiting or receiving continuously
using DMA
• Baudrate: 19.2 kbps
25
179
187
230
230
250
250
μA
85
235
244
320
400
410
490
μA
105
304
325
490
550
600
850
μA
125
499
551
890
1070
1250
1960
μA
VLPS and LPUART
wake-up
• Clock source: SIRC
• Wake-up address feature enabled
• Baudrate: 19.2 kbps
25
107
107
135
138
146
146
μA
85
149
157
170
240
280
350
μA
105
199
223
260
400
480
600
μA
125
347
405
530
580
1000
1280
μA
VLPS and LPI2C
master
• Clock Source: SIRC
• Transmit/receive using DMA
• Baudrate: 100 kHz
25
600
600
670
690
820
900
μA
85
696
712
880
960
1220
1370
μA
105
815
852
1080
1250
1660
2060
μA
125
1152
1251
1970
1980
2860
3690
μA
VLPS and LPI2C
slave wake-up
• Clock source: SIRC
• Wake-up address feature enabled
• Baudrate: 100 kHz
25
260
260
260
260
270
280
μA
85
293
308
340
340
410
510
μA
105
339
367
430
430
610
810
μA
125
478
543
740
760
1170
1540
μA
VLPS and LPSPI
master 4
• Clock source: SIRC
• Transmit/receive using DMA
• Baudrate: 500 kHz
25
2.51
2.94
2.99
3.19
3.75
4.11
mA
85
2.67
3.09
3.26
3.7
4.35
4.93
mA
105
2.83
3.21
3.5
4.2
4.93
5.74
mA
125
3.34
3.53
3.93
4.63
5.97
7.38
mA
VLPS and LPIT
• Clock source: SIRC
• 1 channel enable
• Mode: 32-bit periodic counter
25
114
114
114
114
120
130
μA
85
158
164
190
250
260
320
μA
105
210
223
310
410
440
570
μA
125
371
408
640
750
910
1280
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com