Electronic Components Datasheet Search
  English  ▼

X  

FS32K112BFT0M Datasheet(PDF) 67 Page - NXP Semiconductors

Part # FS32K112BFT0M
Description  NXP Semiconductors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BFT0M Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button FS32K112BFT0M Datasheet HTML 63Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 64Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 65Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 66Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 67Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 68Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 69Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 70Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
Table 40. JTAG electrical specifications
Symbol
Description
Run Mode
HSRUN Mode
VLPR Mode
Unit
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
JI
TCLK frequency of operation
MHz
Boundary Scan
-
20
-
20
-
20
-
20
-
10
-
10
JTAG
-
20
-
20
-
20
-
20
-
10
-
10
J2
TCLK cycle period
1/JI
-
1/JI
-
1/JI
-
1/JI
-
1/JI
-
1/JI
-
ns
J3
TCLK clock pulse width
ns
Boundary Scan
JTAG
J4
TCLK rise and fall times
-
1
-
1
-
1
-
1
-
1
-
1
ns
J5
Boundary scan input data
setup time to TCLK rise
5
-
5
-
5
-
5
-
15
-
15
-
ns
J6
Boundary scan input data
hold time after TCLK rise
5
-
5
-
5
-
5
-
8
-
8
-
ns
J7
TCLK low to boundary scan
output data valid
-
28
-
32
-
28
-
32
-
80
-
80
ns
J8
TCLK low to boundary scan
output data invalid
0
-
0
-
0
-
0
-
0
-
0
-
J9
TCLK low to boundary scan
output high-Z
-
28
-
32
-
28
-
32
-
80
-
80
ns
J10
TMS, TDI input data setup
time to TCLK rise
3
-
3
-
3
-
3
-
15
-
15
-
ns
J11
TMS, TDI input data hold
time after TCLK rise
2
-
2
-
2
-
2
-
8
-
8
-
ns
J12
TCLK low to TDO data valid
-
28
-
32
-
28
-
32
-
80
-
80
ns
J13
TCLK low to TDO data
invalid
0
-
0
-
0
-
0
-
0
-
0
-
ns
J14
TCLK low to TDO high-Z
-
28
-
32
-
28
-
32
-
80
-
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com