Electronic Components Datasheet Search
  English  ▼

X  

74ACT11257 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74ACT11257
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74ACT11257 Datasheet(HTML) 2 Page - Texas Instruments

  74ACT11257 Datasheet HTML 1Page - Texas Instruments 74ACT11257 Datasheet HTML 2Page - Texas Instruments 74ACT11257 Datasheet HTML 3Page - Texas Instruments 74ACT11257 Datasheet HTML 4Page - Texas Instruments 74ACT11257 Datasheet HTML 5Page - Texas Instruments 74ACT11257 Datasheet HTML 6Page - Texas Instruments 74ACT11257 Datasheet HTML 7Page - Texas Instruments 74ACT11257 Datasheet HTML 8Page - Texas Instruments 74ACT11257 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74ACT11257
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
WITH 3-STATE OUTPUTS
SCAS053B − JANUARY 1989 − REVISED APRIL 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
4B
4A
3B
3A
2B
2A
1B
1A
A /B
OE
11
12
13
14
17
18
19
20
1
10
G1
EN
1
1
4Y
3Y
2Y
1Y
9
8
3
2
MUX
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
logic diagram (positive logic)
4B
4A
3B
3A
2B
2A
1B
1A
A /B
OE
11
12
13
14
17
18
19
20
1
10
4Y
3Y
2Y
1Y
9
8
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com