Electronic Components Datasheet Search
  English  ▼

X  

74ACT11257 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ACT11257
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74ACT11257 Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11257 Datasheet HTML 1Page - Texas Instruments 74ACT11257 Datasheet HTML 2Page - Texas Instruments 74ACT11257 Datasheet HTML 3Page - Texas Instruments 74ACT11257 Datasheet HTML 4Page - Texas Instruments 74ACT11257 Datasheet HTML 5Page - Texas Instruments 74ACT11257 Datasheet HTML 6Page - Texas Instruments 74ACT11257 Datasheet HTML 7Page - Texas Instruments 74ACT11257 Datasheet HTML 8Page - Texas Instruments 74ACT11257 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74ACT11257
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
WITH 3-STATE OUTPUTS
SCAS053B − JANUARY 1989 − REVISED APRIL 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETERS
TEST CONDITIONS
V
TA = 25°C
MIN
MAX
UNIT
PARAMETERS
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
I
50 A
4.5 V
4.4
4.4
IOH = −50 mA
5.5 V
5.4
5.4
VOH
I
24 mA
4.5 V
3.94
3.8
V
VOH
IOH = −24 mA
5.5 V
4.94
4.8
V
IOH = −75 mA{
5.5 V
3.85
I
50 A
4.5 V
0.1
0.1
IOL = 50 mA
5.5 V
0.1
0.1
VOL
I
24 mA
4.5 V
0.36
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.44
V
IOL = 75 mA{
5.5 V
1.65
IOZ
VO = VCC or GND
5.5 V
±0.5
±5
mA
II
VI = VCC or GND
5.5 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
mA
DICC‡
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
0.9
1
mA
Ci
VI = VCC or GND
5 V
3.5
pF
Co
VO = VCC or GND
5 V
8
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V to VCC.
switching characteristics over recomended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
1.5
4.4
6.4
1.5
6.9
ns
tPHL
A or B
Y
1.5
5
8
1.5
8.7
ns
tPLH
A /B
Any Y
1.5
4.7
7.6
1.5
8.2
ns
tPHL
A /B
Any Y
1.5
5.7
8.5
1.5
9.4
ns
tPZH
OE
Any Y
1.5
4.2
6.9
1.5
7.3
ns
tPZL
OE
Any Y
1.5
5.5
8.7
1.5
9.6
ns
tPHZ
OE
Any Y
1.5
5.7
7.6
1.5
8.4
ns
tPLZ
OE
Any Y
1.5
6
7.9
1.5
8.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C
Power dissipation capacitance
Outputs enabled
C
50 pF
f
1 MHz
41
pF
Cpd
Power dissipation capacitance
Outputs disabled
CL = 50 pF,
f = 1 MHz
13
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com