Electronic Components Datasheet Search
  English  ▼

X  

74ACT11286 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ACT11286
Description  9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74ACT11286 Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11286 Datasheet HTML 1Page - Texas Instruments 74ACT11286 Datasheet HTML 2Page - Texas Instruments 74ACT11286 Datasheet HTML 3Page - Texas Instruments 74ACT11286 Datasheet HTML 4Page - Texas Instruments 74ACT11286 Datasheet HTML 5Page - Texas Instruments 74ACT11286 Datasheet HTML 6Page - Texas Instruments 74ACT11286 Datasheet HTML 7Page - Texas Instruments 74ACT11286 Datasheet HTML 8Page - Texas Instruments 74ACT11286 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74ACT11286
9BIT PARITY GENERATOR/CHECKER
WITH BUS DRIVER PARITY I/O PORTS
SCAS069B − AUGUST 1988 − REVISED APRIL 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = −50 A
4.5 V
4.4
4.4
IOH = −50 mA
5.5 V
5.4
5.4
VOH
IOH = −24 mA
4.5 V
3.94
3.8
V
VOH
IOH = −24 mA
5.5 V
4.94
4.8
V
IOH = −75 mA†
5.5 V
3.85
IL = 50 A
4.5 V
0.1
0.1
IL = 50 mA
5.5 V
0.1
0.1
VOL
IOL = 24 mA
4.5 V
0.36
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.44
V
IOL = 75 mA†
5.5 V
1.65
IOZ
PARITY I/O
VO = VCC or GND
5.5 V
±0.5
±5
mA
II
Except PARITY I/O
VI = VCC or GND
5.5 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
mA
DICC‡
One input at 3.4 V,
5.5 V
0.9
1
mA
DICC‡
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
0.9
1mA
Ci
VI = VCC or GND
5 V
3.5
pF
Co
PARITY I/O
VO = VCC or GND
5 V
8
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V to VCC.
switching characteristics over recomended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
Any A−I
PARITY I/O
2.7
6.1
9
2.7
10.4
ns
tPHL
Any A−I
PARITY I/O
3.6
7.3
10.8
3.6
12
ns
tPLH
Any A−I
PARITY ERROR
3
6.9
9.7
3
11.3
ns
tPHL
Any A−I
PARITY ERROR
3.9
7.7
11.4
3.9
12.9
ns
tPLH
PARITY I/O
PARITY ERROR
2.2
4.6
6.8
2.2
7.7
ns
tPHL
PARITY I/O
PARITY ERROR
3.1
5.6
8.3
3.1
9.1
ns
tPZH
XMIT
PARITY I/O
1.8
4.2
6.3
1.8
7.3
ns
tPZL
XMIT
PARITY I/O
3
6.3
9.4
3
11.4
ns
tPHZ
XMIT
PARITY I/O
4.7
6.5
7.9
4.7
8.5
ns
tPLZ
XMIT
PARITY I/O
4.1
6
7.3
4.1
7.8
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
Outputs enabled
CL = 50 pF,
f = 1 MHz
56
pF
Cpd
Power dissipation capacitance
Outputs disabled
CL = 50 pF,
f = 1 MHz
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com