Electronic Components Datasheet Search
  English  ▼

X  

74ACT11286 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74ACT11286
Description  9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74ACT11286 Datasheet(HTML) 5 Page - Texas Instruments

  74ACT11286 Datasheet HTML 1Page - Texas Instruments 74ACT11286 Datasheet HTML 2Page - Texas Instruments 74ACT11286 Datasheet HTML 3Page - Texas Instruments 74ACT11286 Datasheet HTML 4Page - Texas Instruments 74ACT11286 Datasheet HTML 5Page - Texas Instruments 74ACT11286 Datasheet HTML 6Page - Texas Instruments 74ACT11286 Datasheet HTML 7Page - Texas Instruments 74ACT11286 Datasheet HTML 8Page - Texas Instruments 74ACT11286 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74ACT11286
9BIT PARITY GENERATOR/CHECKER
WITH BUS DRIVER PARITY I/O PORTS
SCAS069B − AUGUST 1988 − REVISED APRIL 1996
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
Ω
500
Ω
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
GND
Open
TEST
S1
tPHL
tPLH
1.5 V
1.5 V
3 V
0 V
50% VCC
50% VCC
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
[ VCC
0 V
50% VCC
20% VCC
50% VCC
80% VCC
[ 0 V
3 V
VOLTAGE WAVEFORMS
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
D. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com