Electronic Components Datasheet Search
  English  ▼

X  

ADS7841EB Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7841EB
Description  12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7841EB Datasheet(HTML) 5 Page - Texas Instruments

  ADS7841EB Datasheet HTML 1Page - Texas Instruments ADS7841EB Datasheet HTML 2Page - Texas Instruments ADS7841EB Datasheet HTML 3Page - Texas Instruments ADS7841EB Datasheet HTML 4Page - Texas Instruments ADS7841EB Datasheet HTML 5Page - Texas Instruments ADS7841EB Datasheet HTML 6Page - Texas Instruments ADS7841EB Datasheet HTML 7Page - Texas Instruments ADS7841EB Datasheet HTML 8Page - Texas Instruments ADS7841EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADS7841
5
SBAS084B
TYPICAL CHARACTERISTICS: +5V
At TA = +25°C, +VCC = +5V, VREF = +5V, fSAMPLE = 200kHz, and fCLK = 16 • fSAMPLE = 3.2MHz, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
FREQUENCY SPECTRUM
(4096 Point FFT; fIN = 1,123Hz, –0.2dB)
0
100
25
75
50
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
FREQUENCY SPECTRUM
(4096 Point FFT; fIN = 10.3kHz, –0.2dB)
0
100
25
75
50
Frequency (kHz)
12.0
11.8
11.6
11.4
11.2
11.0
EFFECTIVE NUMBER OF BITS
vs INPUT FREQUENCY
10
1
100
Input Frequency (kHz)
CHANGE IN SIGNAL-TO-(NOISE+DISTORTION)
vs TEMPERATURE
–20
–40
100
Temperature (°C)
0.4
0.2
0.0
–0.2
–0.4
–0.6
0.6
0
20
40
60
80
f
IN = 10kHz, –0.2dB
SIGNAL-TO-NOISE RATIO AND SIGNAL-TO-
(NOISE+DISTORTION) vs INPUT FREQUENCY
10
1
100
Input Frequency (kHz)
74
73
72
71
70
69
68
SINAD
SNR
SPURIOUS-FREE DYNAMIC RANGE AND TOTAL
HARMONIC DISTORTION vs INPUT FREQUENCY
10
1
100
Input Frequency (kHz)
85
80
75
70
65
–85
–80
–75
–70
–65
THD
SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com