Electronic Components Datasheet Search
  English  ▼

X  

ADS7841EB Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS7841EB
Description  12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7841EB Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7841EB Datasheet HTML 2Page - Texas Instruments ADS7841EB Datasheet HTML 3Page - Texas Instruments ADS7841EB Datasheet HTML 4Page - Texas Instruments ADS7841EB Datasheet HTML 5Page - Texas Instruments ADS7841EB Datasheet HTML 6Page - Texas Instruments ADS7841EB Datasheet HTML 7Page - Texas Instruments ADS7841EB Datasheet HTML 8Page - Texas Instruments ADS7841EB Datasheet HTML 9Page - Texas Instruments ADS7841EB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADS7841
6
SBAS084B
0
–20
–40
–60
–80
–100
–120
FREQUENCY SPECTRUM
(4096 Point FFT; fIN = 1,129Hz, –0.2dB)
0
62.5
15.6
46.9
31.3
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
FREQUENCY SPECTRUM
(4096 Point FFT; fIN = 10.6kHz, –0.2dB)
0
62.5
15.6
46.9
31.3
Frequency (kHz)
EFFECTIVE NUMBER OF BITS
vs INPUT FREQUENCY
10
1
100
Input Frequency (kHz)
12.0
11.5
11.0
10.5
10.0
9.5
9.0
TYPICAL CHARACTERISTICS: +2.7V
At TA = +25°C, +VCC = +2.7V, VREF = +2.5V, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz, unless otherwise noted.
CHANGE IN SIGNAL-TO-(NOISE+DISTORTION)
vs TEMPERATURE
–20
–40
100
Temperature (˚C)
0.2
0.0
–0.2
–0.4
–0.6
–0.8
0.4
0
20
40
60
80
f
IN = 10kHz, –0.2dB
SIGNAL-TO-NOISE RATIO AND SIGNAL-TO-
(NOISE+DISTORTION) vs INPUT FREQUENCY
10
1
100
Input Frequency (kHz)
78
74
70
66
62
58
54
SINAD
SNR
THD
SFDR
SPURIOUS-FREE DYNAMIC RANGE AND TOTAL
HARMONIC DISTORTION vs INPUT FREQUENCY
10
1
100
Input Frequency (kHz)
90
85
80
75
70
65
60
55
50
–90
–85
–80
–75
–70
–65
–60
–55
–50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com