Electronic Components Datasheet Search
  English  ▼

X  

AFE5809 Datasheet(PDF) 2 Page - Texas Instruments

Part # AFE5809
Description  AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5809 Datasheet(HTML) 2 Page - Texas Instruments

  AFE5809 Datasheet HTML 1Page - Texas Instruments AFE5809 Datasheet HTML 2Page - Texas Instruments AFE5809 Datasheet HTML 3Page - Texas Instruments AFE5809 Datasheet HTML 4Page - Texas Instruments AFE5809 Datasheet HTML 5Page - Texas Instruments AFE5809 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The AFE5816 is an integrated analog front-end (AFE) optimized for medical ultrasound application. The
AFE5816 is a multichip module (MCM) device with two dies: VCA and ADC_CONV. Each die has total of
16 channels.
Each channel in the VCA die can be configured in two modes: time gain compensation (TGC) mode and
continuous wave (CW) mode. In TGC mode, each channel includes an input attenuator (ATTEN), a low-noise
amplifier (LNA) with variable-gain, and a third-order, low-pass filter (LPF). The attenuator supports an attenuation
range of 8dB to 0dB, and the LNA supports gain ranges from 14dB to 45dB. The LPF cutoff frequency can be
configured at 10MHz, 15MHz, 20MHz, or 25MHz to support ultrasound applications with different frequencies.
In CW mode, each channel includes an LNA with a fixed gain of 18dB, and a low-power passive mixer with
16 selectable phase delays. Different phase delays can be applied to each analog input signal to perform an
on-chip beamforming operation. A harmonic filter in the CW mixer suppresses the third and fifth harmonic to
enhance the sensitivity of the CW Doppler measurement. CW mode supports three clock modes: 16X, 8X, and
4X.
Each channel of the ADC_CONV die has a high-performance analog-to-digital converter (ADC) with a
programmable resolution of 14 bits or 12 bits. The ADC achieves 75dBFS signal-to-noise ratio (SNR) in 14-bit
mode, and 72dBFS SNR in 12-bit mode. This ADC provides excellent SNR at low-channel gain. The devices
operate at maximum speeds of 65 MSPS and 80 MSPS, providing 14-bit and 12-bit output, respectively. The
ADC is designed to scale power with sampling rate. The output interface of the ADC is a low-voltage differential
signaling (LVDS) interface that can easily interface with low-cost field-programmable gate arrays (FPGAs).
The AFE5816 also allows various power and noise combinations to be selected for optimizing system
performance. Therefore, these devices are suitable ultrasound AFE solutions for systems with strict battery-life
requirements. The AFE5816 is available in a 15mm × 15mm NFBGA-289 package (ZAV package, S-PBGA-
N289) and is specified for operation from –40°C to +85°C. The device is also pin-to-pin compatible with the
AFE5818 family.
12-, 14-Bit
ADC
SPI Logic
16-Phase
Generator
CW Mixer
DTGC Engine
SPI OUT
TGC Control
Signals
3
rd-Order LPF with
10 MHz, 15 MHz,
20 MHz, and 25
MHz
LVDS
Reference
1 of 16 Channels
SPI IN
CW Current Outputs
LNA
14 dB to
45 dB
ATTEN
Digital
Processing
(Optional)
16 x 16 Cross-
Point Switch
CW Clocks
INP
INM
Simplified Block Diagram
AFE5816
SBASB11 – MARCH 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AFE5816



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com