Electronic Components Datasheet Search
  English  ▼

X  

AFE5809 Datasheet(PDF) 3 Page - Texas Instruments

Part # AFE5809
Description  AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5809 Datasheet(HTML) 3 Page - Texas Instruments

  AFE5809 Datasheet HTML 1Page - Texas Instruments AFE5809 Datasheet HTML 2Page - Texas Instruments AFE5809 Datasheet HTML 3Page - Texas Instruments AFE5809 Datasheet HTML 4Page - Texas Instruments AFE5809 Datasheet HTML 5Page - Texas Instruments AFE5809 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device and Documentation Support..............................4
4.1 Receiving Notification of Documentation Updates......4
4.2 Support Resources..................................................... 4
4.3 Community Resources................................................4
4.4 Trademarks.................................................................4
4.5 Electrostatic Discharge Caution..................................4
4.6 Glossary......................................................................4
5 Revision History.............................................................. 4
6 Mechanical, Packaging, and Orderable Information.... 4
Device Family Comparison
Table 4-1. Device Family Comparison
DEVICE
DESCRIPTION
PACKAGE
BODY SIZE (NOM)
AFE5818
16-Channel, Ultrasound, Analog Front-End (AFE) with 124-mW/Channel, 0.75nV/√
Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
NFBGA (289)
15mm × 15mm
AFE5812
Fully Integrated, 8-channel Ultrasound AFE with Passive CW Mixer, and Digital I/Q
Demodulator, 0.75nV/√ Hz, 14 and 12 Bits, 65 MSPS, 180mW/ch
NFBGA (135)
15mm × 9mm
AFE5809
8-Channel Ultrasound AFE with Passive CW Mixer, and Digital I/Q Demodulator,
0.75nV/√ Hz, 14 and 12 Bits, 65 MSPS, 158mW/ch
NFBGA (135)
15mm × 9mm
AFE5808A
8-Channel Ultrasound AFE with Passive CW Mixer, 0.75nV/√ Hz, 14 and 12 Bits,
65 MSPS, 158mW/ch
NFBGA (135)
15mm × 9mm
AFE5807
8-Channel Ultrasound AFE with Passive CW Mixer, 1.05nV/√ Hz, 12 Bits, 80 MSPS,
117mW/ch
NFBGA (135)
15mm × 9mm
AFE5803
8-Channel Ultrasound AFE, 0.75nV/√ Hz, 14 and 12 Bits, 65 MSPS, 158mW/ch
NFBGA (135)
15mm × 9mm
AFE5805
8-Channel Ultrasound AFE, 0.85nV/√ Hz, 12 Bits, 50 MSPS, 122mW/ch
NFBGA (135)
15mm × 9mm
AFE5804
8-Channel Ultrasound AFE, 1.23nV/√Hz, 12 Bits, 50 MSPS, 101mW/ch
NFBGA (135)
15mm × 9mm
AFE5801
8-Channel Variable-Gain Amplifier (VGA) with Octal High-Speed ADC, 5.5nV/√ Hz,
12 Bits, 65 MSPS, 65mW/ch
VQFN (64)
9mm × 9mm
AFE5851
16-Channel VGA with High-Speed ADC, 5.5nV/√Hz, 12 Bits, 32.5 MSPS, 39mW/ch
VQFN (64)
9mm × 9mm
VCA5807
8-Channel Voltage-Controlled Amplifier for Ultrasound with Passive CW Mixer,
0.75nV/√ Hz, 99mW/ch
HTQFP (80)
14mm × 14mm
VCA8500
8-Channel, Ultra-Low-Power VGA with Low-Noise Pre-Amp, 0.8nV/√ Hz, 65mW/ch
VQFN (64)
9mm × 9mm
ADS5294
Octal-Channel, 14-Bit, 80-MSPS ADC, 75dBFS SNR, 77mW/ch
HTQFP (80)
14mm × 14mm
ADS5292
Octal-Channel, 12-Bit, 80-MSPS ADC, 70dBFS SNR, 66mW/ch
HTQFP (80)
14mm × 14mm
ADS5295
Octal-Channel, 12-Bit, 100-MSPS ADC, 70.6dBFS SNR, 80mW/ch
HTQFP (80)
14mm × 14mm
ADS5296A
10-Bit, 200-MSPS, 4-Channel, 61dBFS SNR, 150mW/ch and 12-bBit, 80-MSPS,
8-Channel, 70dBFS SNR, 65mW/ch ADC
VQFN (64)
9mm × 9mm
www.ti.com
AFE5816
SBASB11 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AFE5816



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com