Electronic Components Datasheet Search
  English  ▼

X  

0830516 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 0830516
Description  EMLP-AL (27X15) CUS - Device marker
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830516 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  0830516 Datasheet HTML 1Page - PHOENIX CONTACT 0830516 Datasheet HTML 2Page - PHOENIX CONTACT 0830516 Datasheet HTML 3Page - PHOENIX CONTACT 0830516 Datasheet HTML 4Page - PHOENIX CONTACT 0830516 Datasheet HTML 5Page - PHOENIX CONTACT 0830516 Datasheet HTML 6Page - PHOENIX CONTACT 0830516 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Acetone (99 %)
[CAS No. 67-64-1]
Test passed
Specification
ISO 175:2010 (following)
Test duration
168 h
Ethanol (99 %)
[CAS No. 64-17-5]
Test passed
Diesel
[CAS No. 68476-34-6]
Test passed
IRM 901
Test passed
IRM 902
Test passed
Testing in a condensation changing climate in the presence of sulfur dioxide
Specification
EN ISO 22479:2022-06
Result
Test passed
Procedure
Method B
Cycles
2
Salt spray test
Specification
DIN EN IEC 60068-2-11 (VDE 0468-2-11):2022-10
Result
Test passed
Test duration
96 h
High pressure test
Specification
ISO 20653:2013-02
Result
Test passed
Ambient conditions
Ambient temperature (operation)
-25 °C ... 120 °C (> +80 °C slight changes of the material surface
possible)
Recommended ambient temperature (storage/transport)
5 °C ... 25 °C
Recommended humidity (storage/transport)
50 % (Storage in a dry and dark place in the original packaging is
recommended)
Shelf life
1 Year
Dimensions
Width
27 mm
Length
15 mm
Text field
Text field width
27 mm
Text field height
15 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
EMLP-AL (27X15) CUS - Device marker
0830516
https://www.phoenixcontact.com/us/products/0830516
Jun 5, 2025, 5:33AM
Page 5 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com