Electronic Components Datasheet Search
  English  ▼

X  

0830516 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830516
Description  EMLP-AL (27X15) CUS - Device marker
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830516 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830516 Datasheet HTML 1Page - PHOENIX CONTACT 0830516 Datasheet HTML 2Page - PHOENIX CONTACT 0830516 Datasheet HTML 3Page - PHOENIX CONTACT 0830516 Datasheet HTML 4Page - PHOENIX CONTACT 0830516 Datasheet HTML 5Page - PHOENIX CONTACT 0830516 Datasheet HTML 6Page - PHOENIX CONTACT 0830516 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device marker, can be ordered: Piece, aluminum color, labeled according to customer
specifications, mounting type: adhesive, text field height: 15 mm, text field width: 27 mm
Product description
Note:
Due to the current challenges of the global procurement market, Phoenix Contact has unfortunately been forced to accept an aluminum alloy
material quality that may cause the appearance to deviate from the homogenous surface quality that was previously expected. This has no impact
on the quality of the aluminum labels themselves or the durability of the printing. The effect is purely visual.
Your advantages
Aluminum equipment marking for sticking on
•
Commercial data
Item number
0830516
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG814B
Catalog page
Page 231 (C-5-2013)
GTIN
4046356718585
Weight per piece (including packing)
1.15 g
Weight per piece (excluding packing)
1.15 g
Country of origin
PL
EMLP-AL (27X15) CUS - Device marker
0830516
https://www.phoenixcontact.com/us/products/0830516
Jun 5, 2025, 5:33AM
Page 1 (7)


Similar Part No. - 0830516

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830510 PHOENIX-0830510 Datasheet
45Kb / 3P
Equipment marking - EMSP-AL (39X15)
0830511 PHOENIX-0830511 Datasheet
46Kb / 3P
Device marker - EMLP-AL (49X15)
0830512 PHOENIX-0830512 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X15)
0830513 PHOENIX-0830513 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X30)
0830514 PHOENIX-0830514 Datasheet
46Kb / 3P
Device marker - EMLP-AL (85,6X54)
More results

Similar Description - 0830516

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824547 PHOENIX-0824547 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (11X9) CUS
0824562 PHOENIX-0824562 Datasheet
55Kb / 2P
Plastic label - UC-EMLP (60X30) CUS
0827896 PHOENIX-0827896 Datasheet
46Kb / 2P
Plastic label - UC-EMLP (27X15) SR
0830508 PHOENIX-0830508 Datasheet
51Kb / 2P
Device marker - EMLP-AL (27X15)
0830509 PHOENIX-0830509 Datasheet
46Kb / 3P
Device marker - EMLP-AL (27X18)
0830511 PHOENIX-0830511 Datasheet
46Kb / 3P
Device marker - EMLP-AL (49X15)
0830512 PHOENIX-0830512 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X15)
0830513 PHOENIX-0830513 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X30)
0830514 PHOENIX-0830514 Datasheet
46Kb / 3P
Device marker - EMLP-AL (85,6X54)
0830515 PHOENIX-0830515 Datasheet
52Kb / 2P
Device marker - EMLP-AL (100X60)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com