Electronic Components Datasheet Search
  English  ▼

X  

WGA4 Datasheet(PDF) 1 Page - Comus International

Part # WGA4
Description  Zero cross turn-on or Zero cross turn-off
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

WGA4 Datasheet(HTML) 1 Page - Comus International

  WGA4 Datasheet HTML 1Page - Comus International WGA4 Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Comus International NV
Overhaamlaan 40
3700 Tongeren, Belgium
Phone: +32 12390400
Fax:
+32 12235754
Email: info@comus.be
www.comus.be
Datasheet WG A4 6D 02 Z
Solid State Relays
Features
Switching
Zero cross turn-on or Zero cross turn-off
Output
Triac
Input
DC with constant current control
Applications
Resistive and inductive loads with cos > 0.85
WG A4 6D...
02 Z
Input circuit
Control voltage range
3...32 VDC
Control current max.
14 mA
Turn-off voltage min.
1 VDC
Input resistance
Constant current
Output circuit
Load voltage range
24...280 VAC
Peak-off state votage
600 Vdrm
Off-state leakage current
2 mA eff.
Load current range
0,01...2 A
Surge current 1 half wave
100 Apeak
I²t for fusing
50 A²s
On-state Voltage
1,6 Vpeak
Off-state (static) dv/dt
200 V/µs
Snubber
100
Ω / 10 nF
General data
Turn-on time max.
11 ms
Turn-off time max.
11 ms
Line frequency range.
47...63 Hz
Isolation volt. between input/output
4.000 V
Isolation volt. between input-output/base
———–
Isolation resistance
50 M
Ω
Operation temperature
-20...+80 °C
Recommended varistor
SIOV-S14 K230
Approvals
none
Technical data


Similar Part No. - WGA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WGA40G60 ETC2-WGA40G60 Datasheet
443Kb / 7P
Low Loss IGBT
logo
Shenzhen Winsemi Microe...
WGA40G60 WINSEMI-WGA40G60 Datasheet
443Kb / 7P
Low Loss IGBT
More results

Similar Description - WGA4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TSS8G48S TOSHIBA-TSS8G48S Datasheet
210Kb / 4P
OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON, ZERO CURRENT TURN-OFF, NORMALLY OPEN SSR
24-May-2001
logo
Solid State Optronic
S108 SSOUSA-S108 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
STZ8043 SSOUSA-STZ8043 Datasheet
399Kb / 9P
Zero Cross Switching
STZ8063 SSOUSA-STZ8063 Datasheet
399Kb / 9P
Zero Cross Switching
STZ8083 SSOUSA-STZ8083 Datasheet
402Kb / 9P
Zero Cross Switching
logo
IXYS Corporation
CPC1964G IXYS-CPC1964G Datasheet
119Kb / 6P
Zero-Cross Switching
logo
American Electronic Com...
HHG1C AEC-HHG1C Datasheet
298Kb / 2P
Zero cross-over switching
SRA1 AEC-SRA1 Datasheet
356Kb / 2P
Zero cross-over or Random switching
SRA2 AEC-SRA2 Datasheet
158Kb / 2P
Zero cross-over
SRA3 AEC-SRA3 Datasheet
620Kb / 3P
Zero cross-over or Random switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com