Electronic Components Datasheet Search
  English  ▼

X  

WGA4 Datasheet(PDF) 2 Page - Comus International

Part # WGA4
Description  Zero cross turn-on or Zero cross turn-off
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

WGA4 Datasheet(HTML) 2 Page - Comus International

  WGA4 Datasheet HTML 1Page - Comus International WGA4 Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Comus International NV
Overhaamlaan 40
3700 Tongeren, Belgium
Phone: +32 12390400
Fax:
+32 12235754
Email: info@comus.be
www.comus.be
Datasheet WG A4 6D 02 Z
Solid State Relays
Dimensions in mm & circuit diagram
Derating-Diagrams
Housing specifications
Weight
Ca. 10 g
Housing material
Glass filled polyester
Potting compound
Thermally conductive epoxy
Terminals
Solder pins
3+
4-
Steuerkreis
Lastkreis
2~
1~
Nullspannungs-
schalter
13,8
17,3
15,24
Steuerkreis
Lastkreis
3+
4-
1~
2~
5,0
Ansicht Lötseite
INPUT
OUTPUT
BOTTOM VIEW
80
70
2
60
20
1
3
0
Load current [A rms]
Ambient temperature[°C]
40 50
2
1
3
30
ZERO CROSS
INPUT
OUTPUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com