Electronic Components Datasheet Search
  English  ▼

X  

DUAL Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # DUAL
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DUAL Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  DUAL Datasheet HTML 1Page - Sensata Technologies, Inc. DUAL Datasheet HTML 2Page - Sensata Technologies, Inc. DUAL Datasheet HTML 3Page - Sensata Technologies, Inc. DUAL Datasheet HTML 4Page - Sensata Technologies, Inc. DUAL Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
ORDERING OPTIONS
Example : H12D4825DH-10
Series
Output Voltage
D24 : 24-280 VAC
H12D48 : 48-530 VAC
Rated Load Current
25 : 25 Amps
40 : 40 Amps
Control Voltage
D : 4-15 VDC
DE : 15-32 VDC
Thermal Pad
Blank : Not Included
H : Included
Switching Mode
Blank : Zero Voltage Turn-On
-10 : Instantaneous Turn-On
H12D48
25
D
H
-10
GENERAL NOTES
(1)
All parameters at 25°C unless otherwise specified.
(2)
For option (-10) models the Transient overvoltage is 1100Vac.
(3)
Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
(4)
Heat sinking required, for derating curves see next page.
(5)
Turn-on time for Instantaneous turn-on (-10) versions is 0.1 msec
AGENCY APPROVALS & CERTIFICATIONS
Designed in accordance with the requirements of IEC 62314
Required for valid part number
For options only and not required for valid part number



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com