Electronic Components Datasheet Search
  English  ▼

X  

DUAL Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # DUAL
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DUAL Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  DUAL Datasheet HTML 1Page - Sensata Technologies, Inc. DUAL Datasheet HTML 2Page - Sensata Technologies, Inc. DUAL Datasheet HTML 3Page - Sensata Technologies, Inc. DUAL Datasheet HTML 4Page - Sensata Technologies, Inc. DUAL Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
| DUAL SERIES
PANEL MOUNT SOLID STATE RELAYS
PRODUCT SELECTION
SPECIFICATIONS
Features
• Independently controlled dual output solid-state relay
• Ratings from 25A to 40A @ 24-530 VAC
• Industry standard package
• SCR output for heavy industrial loads
• DC Control
• Zero voltage (resistive loads) or instantaneous turn-on (inductive loads)
output
Control Voltage
25 A
40 A
4-15 VDC Control
D2425D
D2440D
15-32 VDC Control
D2425DE
D2440DE
4-15 VDC Control
H12D4825D
H12D4840D
15-32 VDC Control
H12D4825DE
H12D4840D
Output (1)
Description
D2425xx
D2440xx
H12D4825xx
H12D4840xx
Operating Voltage (47-63 Hz) [Vrms]
24-280
24-280
48-530
48-530
Transient Overvoltage [Vpk]
600
600
1200 (2)
1200 (2)
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
10
10
10
10
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (3)
500
500
500
500
Maximum Load Current [Arms] (4)
25
40
25
40
Minimum Load Current [Arms]
0.15
0.15
0.15
0.15
Maximum 1 Cycle Surge Current (50/60 Hz) [Apk]
239/250
597/6250
239/250
597/625
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
1.6
Thermal Resistance Junction to Case (Rjc) [°C/W]
1.02
0.63
1.02
0.63
Maximum 1/2 Cycle I²t for Fusing (50/60 Hz) [A² sec]
285/259
1779/1621
285/259
1779/1621
Minimum Power Factor (with Maximum Load)
0.5
0.5
0.5
0.5


Similar Part No. - DUAL

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DUAL CRYDOM-DUAL Datasheet
775Kb / 5P
DUAL Series
logo
NOSHOK, INC.
DUALDISPLAY NOSHOK-DUALDISPLAY Datasheet
438Kb / 2P
Dual Display
logo
Panasonic Semiconductor
DUALLED PANASONIC-DUALLED Datasheet
39Kb / 2P
Two Color Lighting
More results

Similar Description - DUAL

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
Solid-State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
Solid State Relays
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
logo
List of Unclassifed Man...
RSSDN-10A ETC2-RSSDN-10A Datasheet
221Kb / 4P
RSS Series-Panel Mount Solid State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
logo
Sensata Technologies, I...
CX-SERIES SENSATA-CX-SERIES Datasheet
304Kb / 5P
PCB MOUNT SOLID STATE RELAYS
Rev. B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com