Electronic Components Datasheet Search
  English  ▼

X  

WM30 Datasheet(PDF) 3 Page - Carlo Gavazzi Holding AG

Part # WM30
Description  Energy Management Smart Modular Power Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM30 Datasheet(HTML) 3 Page - Carlo Gavazzi Holding AG

  WM30 Datasheet HTML 1Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 2Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 3Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 4Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 5Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Specifications are subject to change without notice WM30 96 DS 240914
3
WM30 96
Rated inputs
System type: 1, 2 or 3-
phase
Input type
Galvanic insulation by
means of built-in CT’s
Current range (by CT)
AV5 and AV6: 5(6)A
AV4 and AV7: 1(2)A
Voltage (by direct connection
or VT/PT)
AV4, AV5: 400/690VLL;
AV6, AV7: 100/208VLL
Accuracy (Display + RS485)
(@25°C ±5°C, R.H.
≤60%, 48 to 62 Hz)
In: see below, Un: see
below
AV4 model
In: 1A, Imax: 2A; Un: 160
to 480VLN (277 to 830VLL)
AV5 model
In: 5A, Imax: 6A; Un: 160
to 480VLN (277 to 830VLL)
AV6 model
In: 5A, Imax: 6A; Un: 40 to
144VLN (70 to 250VLL)
AV7 model
In: 1A, Imax: 2A; Un: 40 to
144VLN (70 to 250VLL)
Current AV4, AV5, AV6,
AV7 models
From 0.01In to 0.05In:
±(0.5% RDG +2DGT)
From 0.05In to Imax:
±(0.2% RDG +2DGT)
Phase-neutral voltage
In the range Un: ±(0,2%
RDG +1DGT)
Phase-phase voltage
In the range Un: ±(0.5%
RDG +1DGT)
Frequency
±0.01Hz (45 to 65Hz)
Active and Apparent power
from 0.01In to 0.05In, PF
1: ±(1%RDG+1DGT)
From 0.05In to Imax
PF 0.5L, PF1, PF0.8C:
±(0.5%RDG+1DGT)
Power Factor
±[0.001+0.5% (1.000 - “PF
RDG”)]
Reactive power
From 0.02In to 0.05In,
sen
φ 1:
±(1.5%RDG+1DGT)
From 0.05In to Imax, sen
φ
1: ±(1%RDG+1DGT)
From 0.05In to 0.1In, sen
φ
0.5L/C:
±(1.5%RDG+1DGT)
From 0.1In to Imax, sen
φ
0.5L/C: ±(1%RDG+1DGT)
Active energy
Class 0.5 according to
EN62053-22, ANSI C12.20
Class C according to
EN50470-3.
Reactive energy
Class 2 according to
EN62053-23, ANSI C12.1.
Start up current AV5, AV6
5mA
Start up current AV4, AV7
1mA
Energy additional errors
According to EN62053-22,
ANSI C12.20,
Influence quantities
Class B or C according to
EN50470-3, EN62053-23,
ANSI C12.1
Total Harmonic Distortion (THD)
±1% FS (FS: 100%)
AV4: Imin: 5mARMS;
Imax: 3A; Umin: 30VRMS;
Umax: 679Vp
AV5: Imin: 5mARMS; Imax:
15Ap; Umin: 30VRMS;
Umax: 679Vp
AV6: Imin: 5mARMS; Imax:
15Ap; Umin: 30VRMS;
Umax: 204Vp
AV7: Imin: 5mARMS; Imax:
3A; Umin: 30VRMS; Umax:
204Vp
Temperature drift
≤200ppm/°C
Sampling rate
3200 samples/s @ 50Hz,
3840 samples/s @ 60Hz
Measurements
See “List of the variables
that can be connected to:”
Method
TRMS measurements of
distorted wave forms.
Coupling type
By means of CT’s
Crest factor
AV5, AV6:
≤3 (15A max.
peak)
AV4, AV7:
≤3 (3A max.
peak)
Current Overloads
Continuous (AV5 and AV6)
6A, @ 50Hz
Continuous (AV4 and AV7)
2A, @ 50Hz
For 500ms (AV5 and AV6)
120A, @ 50Hz
For 500ms (AV4 and AV7)
40A, @ 50Hz
Voltage Overloads
Continuous
1.2 Un
For 500ms
2 Un
Input impedance
400VL-L (AV4 and AV5)
> 1.6M
Ω
208VL-L (AV6 and AV7)
> 1.6M
Ω
5(6)A (AV5 and AV6)
< 0.2VA
1(2)A (AV4 and AV7)
< 0.2VA
Frequency
40 to 440 Hz
Input specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com