Electronic Components Datasheet Search
  English  ▼

X  

WM30 Datasheet(PDF) 7 Page - Carlo Gavazzi Holding AG

Part # WM30
Description  Energy Management Smart Modular Power Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM30 Datasheet(HTML) 7 Page - Carlo Gavazzi Holding AG

Back Button WM30 Datasheet HTML 3Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 4Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 5Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 9Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 10Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 11Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Specifications are subject to change without notice WM30 96 DS 240914
7
WM30 96
Min. -9,999,999,999
kWh/kvarh
Max. 9,999,999,999
kWh/kvarh.
Type
Total energy meters
+kWh, +kvarh, -kWh,
-kvarh
Partial energy meters
+kWh, +kvarh, -kWh,
-kvarh
Meters
Total
4 (9+1 digit)
Partial
4 (9+1 digit)
Pulse output
Connectable to total
and/or partial meters
Energy meter recording
Storage of total and partial
energy meters.
Energy meter storage
format (EEPROM)
Energy meters
The same for the other
phases: L2, L3.
System
The harmonic distortion
can be measured in 3-wire
or 4-wire systems.
Tw: 0.02 sec@50Hz
without filter
Analysis principle
FFT
Harmonic measurement
Current
Up to the 32nd harmonic
Voltage
Up to the 32nd harmonic
Type of harmonics
THD (VL1 and VL1-N)
The same for the other
phases: L2, L3.
THD (AL1)
Harmonic distortion analysis
Energy consumption
Red LED (only kWh)
kWh pulsating
0.001 kWh/kvarh by pulse
if the Ct ratio by VT ratio is
≤7
0.01 kWh/kvarh by pulse if
the Ct ratio by VT ratio is
≥7.1 ≤70.0
0.1 kWh/kvarh by pulse if
the Ct ratio by VT ratio is
≥70.1 ≤700.0
1 kWh/kvarh by pulse if
the Ct ratio by VT ratio is
≥700.1 ≤7000
10 kWh/kvarh by pulse if
the Ct ratio by VT ratio is
≥7001 ≤70.00k
100 kWh/kvarh by pulse if
the Ct ratio by VT ratio is
>70.01k
Max frequency: 16Hz,
according to EN50470-1
Back position LEDs
On the base
Green as power-on
On the communication modules
Two LEDs: one for TX
(green) and one for RX
(amber).
Key-pad
For variable selection,
programming of the
instrument working
parameters, “dmd”, “max”,
total energy and partial
energy Reset
Display refresh time
≤ 250 ms
Display
4 lines, 4-DGT, 1 lines,
10-DGT
Type
LCD, single colour
backlight
Digit dimensions
4-DGT: h 9.5mm; 10-DGT:
h 6.0mm
Instantaneous variables read-out
4-DGT
Energies variables read-out
Imported Total/Partial:
8+2DGT, 9+1DGT or
10DGT;
Exported Total/Partial:
8+2DGT, 9+1DGT or
10DGT (with “-“ sign).
Run Hours counter
8+2 DGT (99.999.999
hours and 59 minutes max)
Overload status
EEEE indication when the
value being measured is
exceeding the “Continuous
inputs overload”
(maximum measurement
capacity)
Max. and Min. indication
Max. instantaneous
variables: 9999; energies:
9 999 999 999. Min.
instantaneous variables:
0.000; energies 0.0
Front position LEDs
Virtual alarms
4 red LED available in case
of virtual alarm (AL1-AL2-
AL3-AL4). Note: the real
alarm is just the activation
of the proper static or relay
output if the proper
module is available.
Display, LEDÊs and commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com