Electronic Components Datasheet Search
  English  ▼

X  

BQ2016 Datasheet(PDF) 17 Page - Texas Instruments

Part # BQ2016
Description  GAS GAUGE IC FOR HIGH DISCHARGE RATES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2016 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ2016 Datasheet HTML 13Page - Texas Instruments BQ2016 Datasheet HTML 14Page - Texas Instruments BQ2016 Datasheet HTML 15Page - Texas Instruments BQ2016 Datasheet HTML 16Page - Texas Instruments BQ2016 Datasheet HTML 17Page - Texas Instruments BQ2016 Datasheet HTML 18Page - Texas Instruments BQ2016 Datasheet HTML 19Page - Texas Instruments BQ2016 Datasheet HTML 20Page - Texas Instruments BQ2016 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
bq2016
GAS GAUGE IC FOR
HIGH DISCHARGE RATES
SLUS475A– JANUARY 2001 – REVISED NOVEMBER 2002
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
registers (continued)
DR2–0
The DR2–0 bits represent the present discharge rate of the battery according to the following code:
DISCHARGE RATE INDICATION
DISCHARGE RATE (R)
DR2
DR1
DR0
R
≤ 1C
0
0
0
1C
< R ≤ 3C
0
0
1
3C
< R ≤ 6C
0
1
0
6C
< R ≤ 9C
0
1
1
9C
< R ≤ 12C
1
0
0
R
> 12C
1
0
1
OVLD
The bq2016 set the OVLD bit when it detects that the present discharge rate exceeds the programmed overload
threshold.
Bit = Condition
0
Discharge rate is below the overload threshold.
1
Discharge rate is above the overload threshold.
VPFC (0x07) – VPFC Pin Input Level
VPFC stores the input level at the VPFC programming pin. The voltage at the VPFC (VVPFC) pin is calculated
by
VVPFC (mV) = Vcc × (VPFC/256)
VPROG (0x08) – VPROG Pin Input Level
VPROG stores the input level at the VPROG programming pin. The voltage at the VPROG (VPROG) pin is
calculated by:
VVPROG (mV) = Vcc × (VPROG/256)
CPI (0x09) – Capacity Input Level
CPI stores the number of valid charge actions since the last LMD update.
OCTL (0x0a) – Output Control
OCTL provides a means of testing LED functionality. The register consists of:
7
6
5
4
3
2
1
0
RSVD
RSVD
OCTL5
OCTL4
OCTL3
OCTL2
OCTL1
Enable
When Enable is low, the bq2016 writes the data in OCTL5–1 to the LED5–1 pins. A one in OCTL5–1 turns the
corresponding LED on. This function overrides the LED indication as a representation of capacity.
FULCNT (0x0b) – Full Count Register
FULCNT store the number of times the battery has been charged to full (NAC=LMD) in 16 count increments.
CMDWD (0x0c) – Command Word
The CMDWD register can be used to reset the bq2016 or initiate a VFC offset calibration.
To reset the bq2016, 0x78 must be written to this location. When reset, the bq2016 sets the following values:
NAC = 0
LMD = PFC
CPI = 0
FULCNT = 0
DCR = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com