Electronic Components Datasheet Search
  English  ▼

X  

BQ2016 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2016
Description  GAS GAUGE IC FOR HIGH DISCHARGE RATES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2016 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2016 Datasheet HTML 3Page - Texas Instruments BQ2016 Datasheet HTML 4Page - Texas Instruments BQ2016 Datasheet HTML 5Page - Texas Instruments BQ2016 Datasheet HTML 6Page - Texas Instruments BQ2016 Datasheet HTML 7Page - Texas Instruments BQ2016 Datasheet HTML 8Page - Texas Instruments BQ2016 Datasheet HTML 9Page - Texas Instruments BQ2016 Datasheet HTML 10Page - Texas Instruments BQ2016 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
bq2016
GAS GAUGE IC FOR
HIGH DISCHARGE RATES
SLUS475A– JANUARY 2001 – REVISED NOVEMBER 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional description (continued)
current
The SRC input of the bq2016 measures battery charge and discharge current. The SRC ADC input converts
the current signal from the series sense resistor every 2 seconds and stores the result in the current scale
register (VSRH:L). The full scale input range to SRC is limited to
±250 mV as shown in Table 1.
Table 1. SRC Input Range
SENSE RESISTOR
(m
Ω)
FULL SCALE INPUT
(
±A)
5
50
7.5
33
10
25
temperature
The bq2016 measures temperature, either with its internal thermistor or with an external thermistor, depending
on the state of the PROG input. The bq2016 accepts an external NTC thermistor on the TS input. The bq2016
samples the TS input voltage every 2 seconds and stores the voltage in the TS Input Voltage (TEMPVH:L)
register and the actual temperature in the temperature (TEMP) register. With an external thermistor, the bq2016
develops the temperature value for the temperature register on the basis of a Semitec 103AT (10K) NTC model.
The bq2016 reports the temperature in 1
°C steps with an accuracy of 4°C or 6°C for an external and internal
thermistor, respectively. The temperature reading is used to adapt remaining capacity for charge and discharge
efficiency and to adjust for the battery’s self discharge.
If an internal thermistor is selected for temperature measurement, the TS input should be grounded.
THON may be used to connect the bias source to the thermistor when the bq2016 samples the TS input. THON
is high impedance when the temperature is measured, and driven low otherwise.
gas gauge operation
general
The operational overview diagram in Figure 5 illustrates the operation of the bq2016. The bq2016 accumulates
a measure of charge and discharge currents and estimates self-discharge. The bq2016 compensates the
charge and discharge currents for rate and temperature efficiencies. It also adjusts the self-discharge estimation
for temperature variation. The bq2016 stores the compensated charge accumulation in the nominal available
capacity (NAC) register. For LED indication, the bq2016 adjusts NAC for the battery pack operating
temperature.
The discharge count register (DCR) tracks discharge activity of the battery. The last measured discharge (LMD)
represents the discharge capacity or learned full capacity of the battery in the application. The bq2016 transfers
the value in DCR to LMD when a qualified discharge occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com