Electronic Components Datasheet Search
  English  ▼

X  

TGS2313 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # TGS2313
Description  4 – 18 GHz VPIN SP3T Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGS2313 Datasheet(HTML) 1 Page - Qorvo, Inc

  TGS2313 Datasheet HTML 1Page - Qorvo, Inc TGS2313 Datasheet HTML 2Page - Qorvo, Inc TGS2313 Datasheet HTML 3Page - Qorvo, Inc TGS2313 Datasheet HTML 4Page - Qorvo, Inc TGS2313 Datasheet HTML 5Page - Qorvo, Inc TGS2313 Datasheet HTML 6Page - Qorvo, Inc TGS2313 Datasheet HTML 7Page - Qorvo, Inc TGS2313 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TGS2313
4
– 18 GHz VPIN SP3T Switch
Data Sheet Rev. A
– Feb 3, 2021
- 1 of 8 -
www.qorvo.com
Product Description
Qorvo
’s TGS2313 is a 4-18 GHz Single Pole Triple Throw
(SP3T) Switch
. This part is designed using Qorvo’s proven
standard VPIN production process.
The TGS2313 provides a nominal 1.0 dB insertion loss,
12 dB return loss, and 35 dB isolation.
The TGS2313 integrated DC blocking capacitors on all
ports and includes decoupled DC bias pads to reduce the
number of off-chip components.
The part is ideally suited for EW receivers, radar, and
communication systems.
Applications
• EW Receivers
• Radar
• Communications Systems
Ordering Information
Part No.
Description
TGS2313
4 - 18 GHz High Isolation Switch
Product Features
• Frequency Range: 4 - 18 GHz
• Insertion Loss: 1.0 dB
• Isolation: 35 dB Nominal
• Return Loss: 12dB Typical.
• On-Chip Bias Network
• DC Blocked at RF ports
• Die Dimensions: 2.06 x 2.03 x 0.10 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.
Block Diagram


Similar Part No. - TGS2313

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2313 TRIQUINT-TGS2313 Datasheet
813Kb / 9P
4 - 18 GHz VPIN SP3T Switch
TGS2313 TRIQUINT-TGS2313 Datasheet
807Kb / 9P
4 - 18 GHz VPIN SP3T Switch
TGS2313 TRIQUINT-TGS2313_15 Datasheet
807Kb / 9P
4 - 18 GHz VPIN SP3T Switch
More results

Similar Description - TGS2313

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5523 ANADIGICS-AWS5523 Datasheet
125Kb / 8P
0.5 to 2.5 GHz SP3T Switch
Rev 0.2
logo
TriQuint Semiconductor
TGS2302 TRIQUINT-TGS2302 Datasheet
231Kb / 9P
4 - 20 GHz VPIN SPDT Switch
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
TriQuint Semiconductor
TGS2313 TRIQUINT-TGS2313 Datasheet
813Kb / 9P
4 - 18 GHz VPIN SP3T Switch
TGS2302 TRIQUINT-TGS2302_15 Datasheet
580Kb / 9P
4 - 20 GHz VPIN SPDT Switch
TGS2313 TRIQUINT-TGS2313_15 Datasheet
807Kb / 9P
4 - 18 GHz VPIN SP3T Switch
logo
Skyworks Solutions Inc.
SKY13345-368LF SKYWORKS-SKY13345-368LF_15 Datasheet
756Kb / 11P
0.1 to 3.5 GHz SP3T Switch
SKY13373-460LF SKYWORKS-SKY13373-460LF_15 Datasheet
748Kb / 9P
0.1 to 6.0 GHz SP3T Switch
logo
Custom MMIC Design Serv...
CMD234C4 MMIC-CMD234C4 Datasheet
301Kb / 8P
DC-18 GHz SP3T Non-reflective Switch
logo
Skyworks Solutions Inc.
SKYA21062 SKYWORKS-SKYA21062 Datasheet
947Kb / 10P
0.1 to 6.0 GHz SP3T Switch
November 18, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com