Electronic Components Datasheet Search
  English  ▼

X  

TGS2313 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # TGS2313
Description  4 – 18 GHz VPIN SP3T Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGS2313 Datasheet(HTML) 4 Page - Qorvo, Inc

  TGS2313 Datasheet HTML 1Page - Qorvo, Inc TGS2313 Datasheet HTML 2Page - Qorvo, Inc TGS2313 Datasheet HTML 3Page - Qorvo, Inc TGS2313 Datasheet HTML 4Page - Qorvo, Inc TGS2313 Datasheet HTML 5Page - Qorvo, Inc TGS2313 Datasheet HTML 6Page - Qorvo, Inc TGS2313 Datasheet HTML 7Page - Qorvo, Inc TGS2313 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TGS2313
4
– 18 GHz VPIN SP3T Switch
Data Sheet Rev. A
– Feb 3, 2021
- 4 of 8 -
www.qorvo.com
Applications Circuit
Function Table
State
RF-A
RF-B
RF-C
ICONTROL A
ICONTROL B
ICONTROL C
1
Low-Loss
Isolated
Isolated
+20 mA
-20 mA
-20 mA
2
Isolated
Low-Loss
Isolated
-20 mA
+20 mA
-20 mA
3
Isolated
Isolated
Low-Loss
-20 mA
-20 mA
+20 mA
Notes: Typical DC voltage to achieve ±20 mA at ICONTROL node is ±2.6 - ±2.8 V
RF Output C
RF output A
Icontrol A
Icontrol C
RF Input
RF output B
Icontrol B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com